Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E910.02 Datasheet (PDF) - ELMOS Semiconductor AG

E910.02 Datasheet PDF - ELMOS Semiconductor AG
Part # E910.02
Download  E910.02 Download
File Size   122.07 Kbytes
Page   1 Pages
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG
Description Analog multiplexer 8:1

E910.02 Datasheet (PDF)

Go To PDF Page Download Datasheet
E910.02 Datasheet PDF - ELMOS Semiconductor AG

Part # E910.02
Download  E910.02 Click to download

File Size   122.07 Kbytes
Page   1 Pages
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG
Description Analog multiplexer 8:1

E910.02 Datasheet (HTML) - ELMOS Semiconductor AG


E910.02 Product details

DESCRIPTION

The IC is an 8 channel analog multiplexer with a buffer amplifier. The input signals IN0 to IN7 are fed to the multiplexer consisting of analog transmission gates which are controlled by the digital inputs SEL0-2. The multiplexer is designed for low crosstalk in case of current injection into the input protection diodes.

VS is used as the positive supply voltage for the buffer and has to be at least 2.5V higher than the maximum analog voltage to avoid clipping or slew rate reduction of the output signal.



FEATURES

► Supply voltage range VDD 4.5V to 5.5V

► Supply voltage range VS 8V to 40V

► Fast buffer amplifier with 1.5V/µs driving 1nF load capacitance

► Low crosstalk in case of current-injection into input-protection diodes

► Low offset voltage < 4mV

► Output voltage limitation to VDD

► Buffer output with high impedance tri-state-mode

► I/O compatible to standard multiplexer 4051

► – 40°C to + 85°C operating temperature

► SO16n package



APPLICATION

► Buffered analog multiplexing



 




Similar Part No. - E910.02

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.01 ELMOS-E910.01 Datasheet
122Kb / 1P
Low side driver (8 channel, serial interface)
E910.01 ELMOS-E910.01_11 Datasheet
668Kb / 17P
Low side dri ver (8 channel , serial inter face )
E910.05 ELMOS-E910.05 Datasheet
141Kb / 1P
K-Bus transceiver
More results


Similar Description - E910.02

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4051BC ROHM-BU4051BC Datasheet
76Kb / 6P
8-channel analog multiplexer / demultiplexer
logo
Fairchild Semiconductor
74VHC4051 FAIRCHILD-74VHC4051 Datasheet
108Kb / 11P
8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
MM74HC4051 FAIRCHILD-MM74HC4051 Datasheet
120Kb / 11P
8-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer
logo
Hitachi Semiconductor
HD14051B HITACHI-HD14051B Datasheet
92Kb / 8P
8-channel Analog Multiplexer/Demultiplexer
logo
National Semiconductor ...
LF13508 NSC-LF13508 Datasheet
334Kb / 16P
8-Channel Analog Multiplexer
logo
Harris Corporation
IH6208 HARRIS-IH6208 Datasheet
63Kb / 7P
8-Channel CMOS Analog Multiplexer
logo
NXP Semiconductors
74HC4051D NXP-74HC4051D Datasheet
222Kb / 31P
8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Fairchild Semiconductor
74VHC4051MX FAIRCHILD-74VHC4051MX Datasheet
441Kb / 16P
8-Channel Analog Multiplexer
logo
Renesas Technology Corp
HD74LV4051A RENESAS-HD74LV4051A_15 Datasheet
145Kb / 14P
8-channel Analog Multiplexer / Demultiplexer
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_15 Datasheet
289Kb / 9P
8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com