Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH3122 Datasheet (PDF) - Melexis Microelectronic Systems

TH3122 Datasheet PDF - Melexis Microelectronic Systems
Part # TH3122
Download  TH3122 Download
File Size   251.94 Kbytes
Page   14 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description K-Bus Transceiver with integrated Voltage Regulator

TH3122 Datasheet (PDF)

Go To PDF Page Download Datasheet
TH3122 Datasheet PDF - Melexis Microelectronic Systems

Part # TH3122
Download  TH3122 Click to download

File Size   251.94 Kbytes
Page   14 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description K-Bus Transceiver with integrated Voltage Regulator

TH3122 Datasheet (HTML) - Melexis Microelectronic Systems


TH3122 Product details

General Description
The TH3122 consists of a low drop voltage regulator 5V/100mA and a K-Bus transceiver. The transceiver is suitable for K-Bus systems conform to ISO 9141.
The combination of voltage regulator and bus transceiver in combination with the monitoring functions make it possible to develop simple, but powerful and cheap nodes in K-Bus systems.
The wide output current area and the configurable reset time and reset voltage works together with many different microcontrollers.

Features and Benefits
❐ K-Bus Transceiver:
    ▪ PNP-open emitter driver with slew rate control and current limitation
    ▪ BUS input voltage -24V ... 30V (independently of VS)
    ▪ ISO 9141 and ODBII compliant
    ▪ Possibility of BUS wake up
❐ Operating voltage VS = 5.5 ... 16 V
❐ Very low standby current consumption <100 µ A in normal mode (< 50 µ A in sleep mode)
❐ Linear low drop voltage regulator:
    ▪ Output voltage 5V± 2%
    ▪ Output current max. 100mA
    ▪ Output current limitation
❐ Overtemperature shutdown
❐ Configurable reset time (15ms/100ms) and reset threshold voltage (3.15V / 4.65V)
❐ Low voltage detection at VS
❐ Wake-up by K-BUS traffic and start-up capable independent of EN voltage level
❐ Universal comparator with an input voltage range –24V … 30V and digital output
❐ Load dump protected (40V)




Similar Part No. - TH3122

ManufacturerPart #DatasheetDescription
logo
amphenol-sensors
TH310F33F AMPHENOLADVANCEDSENSORS-TH310F33F Datasheet
110Kb / 8P
NTC Diode Thermometrics Thermistors
08/2017
TH310F33G AMPHENOLADVANCEDSENSORS-TH310F33G Datasheet
110Kb / 8P
NTC Diode Thermometrics Thermistors
08/2017
TH310F33H AMPHENOLADVANCEDSENSORS-TH310F33H Datasheet
110Kb / 8P
NTC Diode Thermometrics Thermistors
08/2017
TH310F33J AMPHENOLADVANCEDSENSORS-TH310F33J Datasheet
110Kb / 8P
NTC Diode Thermometrics Thermistors
08/2017
TH310F33K AMPHENOLADVANCEDSENSORS-TH310F33K Datasheet
110Kb / 8P
NTC Diode Thermometrics Thermistors
08/2017
More results


Similar Description - TH3122

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8423 ALLEGRO-A8423 Datasheet
368Kb / 8P
LIN Bus Transceiver with Integrated Voltage Regulator
February 9, 2004
logo
ATMEL Corporation
ATA6620 ATMEL-ATA6620_06 Datasheet
325Kb / 20P
LIN Bus Transceiver with Integrated Voltage Regulator
logo
ELMOS Semiconductor AG
910.18 ELMOS-910.18 Datasheet
123Kb / 2P
lin bus transceiver with integrated voltage regulator
logo
ATMEL Corporation
ATA6620N ATMEL-ATA6620N Datasheet
418Kb / 20P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623 ATMEL-ATA6623 Datasheet
392Kb / 22P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620N ATMEL-ATA6620N_09 Datasheet
383Kb / 22P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623 ATMEL-ATA6623_09 Datasheet
695Kb / 23P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623C ATMEL-ATA6623C_14 Datasheet
814Kb / 22P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6629 ATMEL-ATA6629_14 Datasheet
961Kb / 26P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6631 ATMEL-ATA6631_14 Datasheet
961Kb / 26P
LIN Bus Transceiver with Integrated Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com