Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D1731 Datasheet (PDF) - Maxim Integrated Products

D1731 Datasheet PDF - Maxim Integrated Products
Part # D1731
Download  D1731 Download
File Size   196.9 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Precision Digital Thermometer and Thermostat

D1731 Datasheet (PDF)

Go To PDF Page Download Datasheet
D1731 Datasheet PDF - Maxim Integrated Products

Part # D1731
Download  D1731 Click to download

File Size   196.9 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Precision Digital Thermometer and Thermostat

D1731 Datasheet (HTML) - Maxim Integrated Products


D1731 Product details

DESCRIPTION

The DS1631, DS1631A, and DS1731 digital thermometers provide 9, 10, 11, or 12-bit temperature readings over a -55°C to +125°C range. The DS1631 and DS1631A thermometer accuracy is ±0.5°C from 0°C to +70°C with 3.0V ≤ VDD ≤ 5.5V, and the DS1731 accuracy is ±1°C from -10°C to +85°C with 3.0V ≤ VDD ≤ 5.5V. The thermostat on all three devices provides custom hysteresis with user-defined trip points (TH and TL). The TH and TL registers and thermometer configuration settings are stored in NV EEPROM so they can be programmed prior to installation. In addition, the DS1631A automatically begins taking temperature measurements at power-up, which allows it to function as a stand-alone thermostat. Communication with the DS1631/DS1631A/DS1731 is achieved through a 2-wire serial interface, and three address pins allow up to eight devices to be multidropped on the same 2-wire bus.



FEATURES

ƒ DS1631 and DS1631A Provide ±0.5°C Accuracy over a 0°C to +70°C Range

ƒ DS1731 Provides ±1°C Accuracy over a -10°C to +85°C Range

ƒ DS1631A Automatically Begins Taking Temperature Measurements at Power-Up

ƒ Operating Temperature Range: -55°C to +125°C (-67°F to +257°F)

ƒ Temperature Measurements Require No External Components

ƒ Output Resolution is User-Selectable to 9, 10, 11, or 12 Bits

ƒ Wide Power-Supply Range (+2.7V to +5.5V)

ƒ Converts Temperature-to-Digital Word in 750ms (max)

ƒ Multidrop Capability Simplifies Distributed Temperature-Sensing Applications

ƒ Thermostatic Settings are User-Definable and Nonvolatile (NV)

ƒ Data is Read/Written Through 2-Wire Serial Interface (SDA and SCL Pins)

ƒ All Three Devices are Available in 8-Pin μSOP Packages and the DS1631 is Also Available in a 150mil SO package—see Table 1 for Ordering Information




Similar Part No. - D1731

ManufacturerPart #DatasheetDescription
logo
WM Berg Inc.
D17-10 WMBERG-D17-10 Datasheet
90Kb / 1P
DOWEL SOFT PINS
D17-11 WMBERG-D17-11 Datasheet
90Kb / 1P
DOWEL SOFT PINS
D17-12 WMBERG-D17-12 Datasheet
90Kb / 1P
DOWEL SOFT PINS
D17-13 WMBERG-D17-13 Datasheet
90Kb / 1P
DOWEL SOFT PINS
D17-14 WMBERG-D17-14 Datasheet
90Kb / 1P
DOWEL SOFT PINS
More results


Similar Description - D1731

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1626 DALLAS-DS1626 Datasheet
216Kb / 13P
High-Precision 3-Wire Digital Thermometer and Thermostat
DS1631-DS1731 DALLAS-DS1631-DS1731 Datasheet
243Kb / 14P
High-Precision Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
Digital Thermometer and Thermostat
051106
logo
Dallas Semiconductor
DS1626 DALLAS-DS1626_07 Datasheet
135Kb / 14P
High-Precision 3-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
Digital Thermometer and Thermostat
053105
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
Digital Thermometer and Thermostat
022108
DS1631 MAXIM-DS1631_15 Datasheet
464Kb / 14P
High-Precision Digital Thermometer and Thermostat
Rev 1; 1/15
DS1626 MAXIM-DS1626 Datasheet
147Kb / 12P
High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
Digital Thermometer and Thermostat
2016
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
Digital Thermometer and Thermostat
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com