Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1620S Datasheet (PDF) - Maxim Integrated Products

DS1620S Datasheet PDF - Maxim Integrated Products
Part # DS1620S
Download  DS1620S Download
File Size   270.28 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Digital Thermometer and Thermostat

DS1620S Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1620S Datasheet PDF - Maxim Integrated Products

Part # DS1620S
Download  DS1620S Click to download

File Size   270.28 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Digital Thermometer and Thermostat

DS1620S Datasheet (HTML) - Maxim Integrated Products


DS1620S Product details

DESCRIPTION
The DS1620 Digital Thermometer and Thermostat provides 9–bit temperature readings which indicate the temperature of the device. With three thermal alarm outputs, the DS1620 can also act as a thermostat.
THIGH is driven high if the DS1620’s temperature is greater than or equal to a user–defined temperature TH. TLOW is driven high if the DS1620’s temperature is less than or equal to a user–defined temperature TL. TCOM is driven high when the temperature exceeds TH and stays high until the temperature falls below that of TL.

FEATURES
■ Requires no external components
■ Supply voltage range covers from 2.7V to 5.5V
■ Measures temperatures from -55°C to +125°C in 0.5°C increments; Fahrenheit equivalent is -67°F to +257°F in 0.9°F increments
■ Temperature is read as a 9-bit value
■ Converts temperature to digital word in 750 ms (max)
■ Thermostatic settings are user-definable and nonvolatile
■ Data is read from/written via a 3-wire serial interface (CLK, DQ, RST )
■ Applications include thermostatic controls, industrial systems, consumer products, thermometers, or any thermally sensitive system
■ 8-pin DIP or SOIC (208-mil) packages




Similar Part No. - DS1620S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1620S MAXIM-DS1620S Datasheet
451Kb / 12P
Digital Thermometer and Thermostat
2015
DS1620S+ MAXIM-DS1620S+ Datasheet
451Kb / 12P
Digital Thermometer and Thermostat
2015
DS1620S+T&R MAXIM-DS1620S+T&R Datasheet
451Kb / 12P
Digital Thermometer and Thermostat
2015
DS1620S/T&R MAXIM-DS1620S/T&R Datasheet
451Kb / 12P
Digital Thermometer and Thermostat
2015
More results


Similar Description - DS1620S

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1620 DALLAS-DS1620 Datasheet
539Kb / 13P
Digital Thermometer and Thermostat
DS1621 DALLAS-DS1621 Datasheet
647Kb / 16P
Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
Digital Thermometer and Thermostat
051106
DS75LV_0611 MAXIM-DS75LV_0611 Datasheet
281Kb / 13P
Digital Thermometer and Thermostat
112006
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
Digital Thermometer and Thermostat
022108
DS1621 MAXIM-DS1621 Datasheet
332Kb / 16P
Digital Thermometer and Thermostat
090905
logo
Dallas Semiconductor
DS75 DALLAS-DS75_08 Datasheet
189Kb / 14P
Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
Digital Thermometer and Thermostat
2016
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
Digital Thermometer and Thermostat
2015
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
Digital Thermometer and Thermostat
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com