Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1621 Datasheet (PDF) - Dallas Semiconductor

DS1621 Datasheet PDF - Dallas Semiconductor
Part # DS1621
Download  DS1621 Download
File Size   647.5 Kbytes
Page   16 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Digital Thermometer and Thermostat

DS1621 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1621 Datasheet PDF - Dallas Semiconductor

Part # DS1621
Download  DS1621 Click to download

File Size   647.5 Kbytes
Page   16 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Digital Thermometer and Thermostat

DS1621 Datasheet (HTML) - Dallas Semiconductor


DS1621 Product details

DESCRIPTION
The DS1621 Digital Thermometer and Thermostat provides 9–bit temperature readings which indicate the temperature of the device. The thermal alarm output, TOUT, is active when the temperature of the device exceeds a user–defined temperature TH. The output remains active until the temperature drops below user defined temperature TL, allowing for any hysteresis necessary.
User-defined temperature settings are stored in nonvolatile memory so parts may be programmed prior to insertion in a system. Temperature settings and temperature readings are all communicated to/from the DS1621 over a simple two–wire serial interface.

FEATURES
■ Temperature measurements require no external components
■ Measures temperatures from –55°C to +125°C in 0.5°C increments. Fahrenheit equivalent is –67°F to 257°F in 0.9°F increments
■ Temperature is read as a 9–bit value (2-byte transfer)
■ Wide power supply range (2.7V to 5.5V)
■ Converts temperature to digital word in 1 second
■ Thermostatic settings are user definable and nonvolatile
■ Data is read from/written via a two–wire serial interface (open drain I/O lines)
■ Applications include thermostatic controls, industrial systems, consumer products, thermometers, or any thermal sensitive system
■ 8–pin DIP or SOIC package (150-MIL and 208-MIL)




Similar Part No. - DS1621

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1621 MAXIM-DS1621 Datasheet
332Kb / 16P
Digital Thermometer and Thermostat
090905
DS1621 MAXIM-DS1621 Datasheet
525Kb / 16P
Digital Thermometer and
2015
DS1621+ MAXIM-DS1621+ Datasheet
332Kb / 16P
Digital Thermometer and Thermostat
090905
DS1621+ MAXIM-DS1621+ Datasheet
525Kb / 16P
Digital Thermometer and
2015
logo
Synology Inc.
DS1621PLUS SYNOLOGY-DS1621PLUS Datasheet
1Mb / 8P
DiskStation DS1621
More results


Similar Description - DS1621

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1620 DALLAS-DS1620 Datasheet
539Kb / 13P
Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
Digital Thermometer and Thermostat
051106
DS75LV_0611 MAXIM-DS75LV_0611 Datasheet
281Kb / 13P
Digital Thermometer and Thermostat
112006
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
Digital Thermometer and Thermostat
053105
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
Digital Thermometer and Thermostat
022108
DS1621 MAXIM-DS1621 Datasheet
332Kb / 16P
Digital Thermometer and Thermostat
090905
logo
Dallas Semiconductor
DS75 DALLAS-DS75_08 Datasheet
189Kb / 14P
Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
Digital Thermometer and Thermostat
2016
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
Digital Thermometer and Thermostat
2015
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
Digital Thermometer and Thermostat
2015
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com