Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1620 Datasheet (PDF) - Dallas Semiconductor

DS1620 Datasheet PDF - Dallas Semiconductor
Part # DS1620
Download  DS1620 Download
File Size   539.85 Kbytes
Page   13 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Digital Thermometer and Thermostat

DS1620 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1620 Datasheet PDF - Dallas Semiconductor

Part # DS1620
Download  DS1620 Click to download

File Size   539.85 Kbytes
Page   13 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Digital Thermometer and Thermostat

DS1620 Datasheet (HTML) - Dallas Semiconductor


DS1620 Product details

DESCRIPTION
The DS1620 Digital Thermometer and Thermostat provides 9–bit temperature readings which indicate the temperature of the device. With three thermal alarm outputs, the DS1620 can also act as a thermostat.
THIGH is driven high if the DS1620’s temperature is greater than or equal to a user–defined temperature TH. TLOW is driven high if the DS1620’s temperature is less than or equal to a user–defined temperature TL. TCOM is driven high when the temperature exceeds TH and stays high until the temperature falls below that of TL.

FEATURES
■ Requires no external components
■ Supply voltage range covers from 2.7V to 5.5V
■ Measures temperatures from -55°C to +125°C in 0.5°C increments; Fahrenheit equivalent is -67°F to +257°F in 0.9°F increments
■ Temperature is read as a 9-bit value
■ Converts temperature to digital word in 1 second (max)
■ Thermostatic settings are user-definable and nonvolatile
■ Data is read from/written via a 3-wire serial interface (CLK, DQ, RST )
■ Applications include thermostatic controls, industrial systems, consumer products, thermometers, or any thermally sensitive system
■ 8-pin DIP or SOIC (208-mil) packages




Similar Part No. - DS1620

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1620 MAXIM-DS1620 Datasheet
250Kb / 11P
Operating Instructions
051503
DS1620 MAXIM-DS1620 Datasheet
451Kb / 12P
Digital Thermometer and Thermostat
2015
DS1620+ MAXIM-DS1620+ Datasheet
451Kb / 12P
Digital Thermometer and Thermostat
2015
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
Digital Thermometer and Thermostat
053105
DS1620S MAXIM-DS1620S Datasheet
451Kb / 12P
Digital Thermometer and Thermostat
2015
More results


Similar Description - DS1620

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1621 DALLAS-DS1621 Datasheet
647Kb / 16P
Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
Digital Thermometer and Thermostat
051106
DS75LV_0611 MAXIM-DS75LV_0611 Datasheet
281Kb / 13P
Digital Thermometer and Thermostat
112006
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
Digital Thermometer and Thermostat
053105
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
Digital Thermometer and Thermostat
022108
DS1621 MAXIM-DS1621 Datasheet
332Kb / 16P
Digital Thermometer and Thermostat
090905
logo
Dallas Semiconductor
DS75 DALLAS-DS75_08 Datasheet
189Kb / 14P
Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
Digital Thermometer and Thermostat
2016
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
Digital Thermometer and Thermostat
2015
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
Digital Thermometer and Thermostat
2015
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com