Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1621 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1621
Description  Digital Thermometer and Thermostat
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1621 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1621 Datasheet HTML 1Page - Dallas Semiconductor DS1621 Datasheet HTML 2Page - Dallas Semiconductor DS1621 Datasheet HTML 3Page - Dallas Semiconductor DS1621 Datasheet HTML 4Page - Dallas Semiconductor DS1621 Datasheet HTML 5Page - Dallas Semiconductor DS1621 Datasheet HTML 6Page - Dallas Semiconductor DS1621 Datasheet HTML 7Page - Dallas Semiconductor DS1621 Datasheet HTML 8Page - Dallas Semiconductor DS1621 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DS1621
5 of 16
102299
Higher resolutions may be obtained by reading the temperature and truncating the 0.5
°C bit (the LSB)
from the read value. This value is TEMP_READ. The value left in the counter may then be read by
issuing a READ COUNTER command. This value is the count remaining (COUNT_REMAIN) after the
gate period has ceased. By loading the value of the slope accumulator into the count register (using the
READ SLOPE command), this value may then be read, yielding the number of counts per degree C
(COUNT_PER_C) at that temperature. The actual temperature may be then be calculated by the user
using the following:
TEMPERATURE=TEMP_READ-0.25 +
C
PER
COUNT
REMAIN
COUNT
C
PER
COUNT
_
_
)
_
_
_
(
−
Thermostat Control
In its operating mode, the DS1621 functions as a thermostat with programmable hysteresis as shown in
Figure 3. The thermostat output updates as soon as a temperature conversion is complete.
When the DS1621’s temperature meets or exceeds the value stored in the high temperature trip register
(TH), the output becomes active and will stay active until the temperature falls below the temperature
stored in the low temperature trigger register (TL). In this way, any amount of hysteresis may be
obtained.
The active state for the output is programmable by the user so that an active state may either be a logic
"1" (VDD) or a logic "0" (0V).
THERMOSTAT OUTPUT OPERATION Figure 3
DQ (Thermostat output, Active=High)
OPERATION AND CONTROL
The DS1621 must have temperature settings resident in the TH and TL registers for thermostatic
operation. A configuration/status register also determines the method of operation that the DS1621 will
use in a particular application, as well as indicating the status of the temperature conversion operation.
The configuration register is defined as follows:
where
DONE = Conversion Done bit. “1” = Conversion complete, “0” = Conversion in progress.
TL
TH
T (°C)
DONE
THF
TLF
NVB
1
0
POL
1SHOT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com