Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1621 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS1621
Description  Digital Thermometer and Thermostat
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1621 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS1621 Datasheet HTML 8Page - Dallas Semiconductor DS1621 Datasheet HTML 9Page - Dallas Semiconductor DS1621 Datasheet HTML 10Page - Dallas Semiconductor DS1621 Datasheet HTML 11Page - Dallas Semiconductor DS1621 Datasheet HTML 12Page - Dallas Semiconductor DS1621 Datasheet HTML 13Page - Dallas Semiconductor DS1621 Datasheet HTML 14Page - Dallas Semiconductor DS1621 Datasheet HTML 15Page - Dallas Semiconductor DS1621 Datasheet HTML 16Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DS1621
13 of 16
102299
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
–0.5V to +7.0V
Operating Temperature
–55
°C to +125°C
Storage Temperature
–55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VDD
2.7
5.5
V
1
DC ELECTRICAL CHARACTERISTICS
(-55°C to +125°C; VDD=2.7V to 5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
±½
°C
Thermometer Error
TERR
0°C to 70°C
-55°C to + 0°C
and
70°C to 125°C
See Typical Curve
11
Low Level Input
Voltage
VIL
0.5
0.3 VDD
V
High Level Input
Voltage
VIH
0.7 VDD
VDD+0.5
V
Pulse width of
spikes which must
be suppressed by
the input filter
tSP
Fast Mode
0
50
ns
VOL1
3 mA Sink
Current
0
0.4
V
Low Level Output
Voltage
VOL2
6 mA Sink
Current
0
0.6
V
Input Current each
I/O Pin
0.4<VI/O<0.9VDD
-10
10
µA
2
I/O Capacitance
CI/O
10
pF
Active Supply
Current
ICC
Temperature
Conversion
E
2 Write
Communi-
cation Only
1000
400
100
µA
3, 4
Standby Supply
Current
ISTBY
1
µA
3, 4
VOH
1 mA Source
2.4
V
Thermostat Output
(TOUT) Output
Voltage
VOL
4 mA Sink
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com