Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1621 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1621
Description  Digital Thermometer and Thermostat
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1621 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1621 Datasheet HTML 1Page - Dallas Semiconductor DS1621 Datasheet HTML 2Page - Dallas Semiconductor DS1621 Datasheet HTML 3Page - Dallas Semiconductor DS1621 Datasheet HTML 4Page - Dallas Semiconductor DS1621 Datasheet HTML 5Page - Dallas Semiconductor DS1621 Datasheet HTML 6Page - Dallas Semiconductor DS1621 Datasheet HTML 7Page - Dallas Semiconductor DS1621 Datasheet HTML 8Page - Dallas Semiconductor DS1621 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DS1621
4 of 16
102299
TEMPERATURE MEASURING CIRCUITRY Figure 2
TEMPERATURE/DATA RELATIONSHIPS Table 2
TEMPERATURE
DIGITAL OUTPUT
(Binary)
DIGITAL OUTPUT
(Hex)
+125°C
01111101 00000000
7B00h
+25°C
00011001 00000000
1900h
+½°C
00000001 00000000
0080h
+0°C
00000000 00000000
0000h
-½°C
11111111 10000000
FF80h
-25°C
11100111 00000000
E700h
-55°C
11001001 00000000
C900h
Since data is transmitted over the 2–wire bus MSB first, temperature data may be written to/read from the
DS1621 as either a single byte (with temperature resolution of 1
°C) or as two bytes. The second byte
would contain the value of the least significant (0.5
°C) bit of the temperature reading as shown in Table
1. Note that the remaining 7 bits of this byte are set to all "0"s.
Temperature is represented in the DS1621 in terms of a ½
°C LSB, yielding the following 9–bit format:
T = -25
°C
SLOPE ACCUMULATOR
PRESET
COMPARE
LOW TEMPERATURE
COEFFICIENT OSCILLATOR
COUNTER
PRESET
=0
TEMPERATURE REGISTER
HIGH TEMPERATURE
COEFFICIENT OSCILLATOR
COUNTER
=0
INC
STOP
SET/CLEAR
LSB
1
1
1
0
0
1
1
1
0
0
0
0
0
0
0
0
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com