Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1621 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1621
Description  Digital Thermometer and Thermostat
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1621 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1621 Datasheet HTML 1Page - Dallas Semiconductor DS1621 Datasheet HTML 2Page - Dallas Semiconductor DS1621 Datasheet HTML 3Page - Dallas Semiconductor DS1621 Datasheet HTML 4Page - Dallas Semiconductor DS1621 Datasheet HTML 5Page - Dallas Semiconductor DS1621 Datasheet HTML 6Page - Dallas Semiconductor DS1621 Datasheet HTML 7Page - Dallas Semiconductor DS1621 Datasheet HTML 8Page - Dallas Semiconductor DS1621 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DS1621
2 of 16
102299
DETAILED PIN DESCRIPTION Table 1
PIN
SYMBOL
DESCRIPTION
1
SDA
Data input/output pin for 2-wire serial communication port.
2
SCL
Clock input/output pin for 2-wire serial communication port.
3
TOUT
Thermostat output. Active when temperature exceeds TH; will reset when
temperature falls below TL.
4
GND
Ground pin.
5
A2
Address input pin.
6
A1
Address input pin.
7
A0
Address input pin.
8
VDD
Supply voltage input power pin. (2.7V – 5.5V)
OPERATION
Measuring Temperature
A block diagram of the DS1621 is shown in Figure 1. The DS1621 measures temperatures through the
use of an onboard proprietary temperature measurement technique. A block diagram of the temperature
measurement circuitry is shown in Figure 2.
The DS1621 measures temperature by counting the number of clock cycles that an oscillator with a low
temperature coefficient goes through during a gate period determined by a high temperature coefficient
oscillator. The counter is preset with a base count that corresponds to –55
°C. If the counter reaches 0
before the gate period is over the temperature register, which is also preset to the –55
°C value, is
incremented indicating that the temperature is higher than –55
°C.
At the same time, the counter is preset with a value determined by the slope accumulator circuitry. This
circuitry is needed to compensate for the parabolic behavior of the oscillators over temperature. The
counter is then clocked again until it reaches 0. If the gate period is still not finished, then this process
repeats.
The slope accumulator is used to compensate for the nonlinear behavior of the oscillators over
temperature, yielding a high resolution temperature measurement. This is done by changing the number
of counts necessary for the counter to go through for each incremental degree in temperature. To obtain
the desired resolution, both the value of the counter and the number of counts per
°C (the value of the
slope accumulator) at a given temperature must be known.
This calculation is done inside the DS1621 to provide 0.5
°C resolution. The temperature reading is
provided in a 9–bit, two’s complement reading by issuing the READ TEMPERATURE command. Table
2 describes the exact relationship of output data to measured temperature. The data is transmitted through
the 2–wire serial interface, MSB first. The DS1621 can measure temperature over the range of –55
°C to
+125
°C in 0.5°C increments. For Fahrenheit usage a lookup table or conversion factor must be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com