Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1621 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1621
Description  Digital Thermometer and Thermostat
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1621 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1621 Datasheet HTML 1Page - Dallas Semiconductor DS1621 Datasheet HTML 2Page - Dallas Semiconductor DS1621 Datasheet HTML 3Page - Dallas Semiconductor DS1621 Datasheet HTML 4Page - Dallas Semiconductor DS1621 Datasheet HTML 5Page - Dallas Semiconductor DS1621 Datasheet HTML 6Page - Dallas Semiconductor DS1621 Datasheet HTML 7Page - Dallas Semiconductor DS1621 Datasheet HTML 8Page - Dallas Semiconductor DS1621 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1 of 16
102299
FEATURES
§ Temperature measurements require no
external components
§ Measures temperatures from –55°C to
+125°C in 0.5°C increments. Fahrenheit
equivalent is –67°F to 257°F in 0.9°F
increments
§ Temperature is read as a 9–bit value (2-
byte transfer)
§ Wide power supply range (2.7V to 5.5V)
§ Converts temperature to digital word in 1
second
§ Thermostatic settings are user definable
and nonvolatile
§ Data is read from/written via a two–wire
serial interface (open drain I/O lines)
§ Applications include thermostatic
controls, industrial systems, consumer
products, thermometers, or any thermal
sensitive system
§ 8–pin DIP or SOIC package (150-MIL and
208-MIL)
PIN ASSIGNMENT
PIN DESCRIPTION
SDA
- 2-Wire Serial Data Input/Output
SCL
- 2-Wire Serial Clock
GND
- Ground
TOUT
- Thermostat Output Signal
A0
- Chip Address Input
A1
- Chip Address Input
A2
- Chip Address Input
VDD
- Power Supply Voltage
DESCRIPTION
The DS1621 Digital Thermometer and Thermostat provides 9–bit temperature readings which indicate
the temperature of the device. The thermal alarm output, TOUT, is active when the temperature of the
device exceeds a user–defined temperature TH. The output remains active until the temperature drops
below user defined temperature TL, allowing for any hysteresis necessary.
User-defined temperature settings are stored in nonvolatile memory so parts may be programmed prior to
insertion in a system. Temperature settings and temperature readings are all communicated to/from the
DS1621 over a simple two–wire serial interface.
DS1621
Digital Thermometer and Thermostat
www.dalsemi.com
6
3
1
2
4
8
7
5
SDA
TOUT
GND
VDD
A0
A1
A2
DS1621S 8-PIN SOIC (150-MIL)
DS1621V 8-PIN SOIC (208-MIL)
See Mech Drawings Section
6
3
1
2
4
8
7
5
SDA
SCL
TOUT
GND
VDD
A0
A1
A2
DS1621 8-PIN DIP (300-MIL)
See Mech Drawings Section
SCL


Similar Part No. - DS1621

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1621 MAXIM-DS1621 Datasheet
332Kb / 16P
Digital Thermometer and Thermostat
090905
DS1621 MAXIM-DS1621 Datasheet
525Kb / 16P
Digital Thermometer and
2015
DS1621+ MAXIM-DS1621+ Datasheet
332Kb / 16P
Digital Thermometer and Thermostat
090905
DS1621+ MAXIM-DS1621+ Datasheet
525Kb / 16P
Digital Thermometer and
2015
logo
Synology Inc.
DS1621PLUS SYNOLOGY-DS1621PLUS Datasheet
1Mb / 8P
DiskStation DS1621
More results

Similar Description - DS1621

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1620 DALLAS-DS1620 Datasheet
539Kb / 13P
Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
Digital Thermometer and Thermostat
051106
DS75LV_0611 MAXIM-DS75LV_0611 Datasheet
281Kb / 13P
Digital Thermometer and Thermostat
112006
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
Digital Thermometer and Thermostat
053105
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
Digital Thermometer and Thermostat
022108
DS1621 MAXIM-DS1621 Datasheet
332Kb / 16P
Digital Thermometer and Thermostat
090905
logo
Dallas Semiconductor
DS75 DALLAS-DS75_08 Datasheet
189Kb / 14P
Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
Digital Thermometer and Thermostat
2016
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
Digital Thermometer and Thermostat
2015
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
Digital Thermometer and Thermostat
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com