Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2029 Datasheet (PDF) - Maxim Integrated Products

MAX2029 Datasheet PDF - Maxim Integrated Products
Part # MAX2029
Download  MAX2029 Download
File Size   411.2 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch

MAX2029 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2029 Datasheet PDF - Maxim Integrated Products

Part # MAX2029
Download  MAX2029 Click to download

File Size   411.2 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch

MAX2029 Datasheet (HTML) - Maxim Integrated Products


MAX2029 Product details

General Description
The MAX2029 high-linearity passive upconverter or downconverter mixer is designed to provide +36.5dBm IIP3, 6.7dB NF, and 6.5dB conversion loss for an 815MHz to 1000MHz RF frequency range to support GSM/cellular base-station transmitter or receiver applications.

Features
♦ 815MHz to 1000MHz RF Frequency Range
♦ 570MHz to 900MHz LO Frequency Range
♦ 960MHz to 1180MHz LO Frequency Range
   (Refer to the MAX2031 Data Sheet)
♦ DC to 250MHz IF Frequency Range
♦ 6dB/6.5dB (Upconverter/Downconverter)
   Conversion Loss
♦ 36.5dBm/39dBm (Downconverter/Upconverter)
   Input IP3
♦ +25dBm/+27dBm (Upconverter/Downconverter)
   Input 1dB Compression Point
♦ 6.7dB Noise Figure
♦ Integrated LO Buffer
♦ Integrated RF and LO Baluns
♦ Low -3dBm to +3dBm LO Drive
♦ Built-In SPDT LO Switch with 53dB Isolation and
   50ns Switching Time
♦ Pin Compatible with the MAX2039/MAX2041
   1700MHz to 2200MHz Mixers
♦ External Current-Setting Resistor Provides Option
   for Operating Mixer in Reduced-Power/Reduced-
   Performance Mode
♦ Lead-Free Package Available

Applications
   Cellular Band WCDMA and cdma2000® Base Stations
   GSM 850/GSM 900 2G and 2.5G EDGE Base Stations
   TDMA and Integrated Digital Enhanced Network
      (iDEN®) Base Stations
   PHS/PAS Base Stations
   WiMAX Base Stations and Customer Premise Equipment
   Predistortion Receivers
   Microwave and Fixed Broadband Wireless Access
   Wireless Local Loop
   Private Mobile Radios
   Military Systems
   Microwave Links
   Digital and Spread Spectrum Communication Systems




Similar Part No. - MAX2029

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2029ETP+/+T MAXIM-MAX2029ETP+/+T Datasheet
417Kb / 16P
High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07
MAX2029ETP-T MAXIM-MAX2029ETP-T Datasheet
417Kb / 16P
High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07
MAX2029ETP/-T MAXIM-MAX2029ETP/-T Datasheet
417Kb / 16P
High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07
More results


Similar Description - MAX2029

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2039 MAXIM-MAX2039 Datasheet
363Kb / 16P
High-Linearity, 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX9986 MAXIM-MAX9986 Datasheet
1Mb / 12P
SiGe High-Linearity, 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 2/05
MAX2041 MAXIM-MAX2041 Datasheet
395Kb / 16P
High-Linearity, 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch
Rev 0; 1/06
MAX2031 MAXIM-MAX2031 Datasheet
634Kb / 16P
High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 7/05
MAX9986A MAXIM-MAX9986A Datasheet
348Kb / 12P
SiGe High-Linearity, 815MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/06
MAX9984 MAXIM-MAX9984 Datasheet
493Kb / 15P
SiGe High-Linearity, 400MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 4/05
MAX2031 MAXIM-MAX2031_09 Datasheet
1Mb / 20P
High-Linearity, 650MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch
Rev 1; 6/09
MAX2042 MAXIM-MAX2042 Datasheet
4Mb / 27P
SiGe High-Linearity, 2000MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 8/09
MAX2032 MAXIM-MAX2032 Datasheet
1Mb / 19P
High-Linearity, 650MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch
Rev 0; 9/09
MAX2029ETP-T MAXIM-MAX2029ETP-T Datasheet
417Kb / 16P
High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com