Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2042 Datasheet (PDF) - Maxim Integrated Products

MAX2042 Datasheet PDF - Maxim Integrated Products
Part # MAX2042
Download  MAX2042 Download
File Size   5117.52 Kbytes
Page   27 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SiGe High-Linearity, 2000MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer

MAX2042 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2042 Datasheet PDF - Maxim Integrated Products

Part # MAX2042
Download  MAX2042 Click to download

File Size   5117.52 Kbytes
Page   27 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SiGe High-Linearity, 2000MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer

MAX2042 Datasheet (HTML) - Maxim Integrated Products


MAX2042 Product details

General Description
The MAX2042 single, high-linearity upconversion/down conversion mixer provides +36dBm IIP3, 7.3dB noise figure, and 7.2dB conversion loss for 2000MHz to 3000MHz WCS, LTE, WiMAXK, and MMDS wireless infrastructure applications. With a wide LO frequency range of 1800MHz to 2800MHz, this particular mixer is ideal for low-side LO injection receiver and transmitter architectures. High-side LO injection is supported by the MAX2042A, which is pin pin and functionally compatible with the MAX2042.
In addition to offering excellent linearity and noise performance, the MAX2042 also yields a high level of component integration. This device includes a double balanced passive mixer core, an LO buffer, and on-chip baluns that allow for single-ended RF and LO inputs. The MAX2042 requires a nominal LO drive of 0dBm, and supply current is typically 138mA at VCC = +5.0V or 120mA at VCC = +3.3V.
The MAX2042 is available in a compact 20-pin thin QFN (5mm x 5mm) package with an exposed pad. Electrical performance is guaranteed over the extended -40NC to +85NC temperature range.

Features
♦ 2000MHz to 3000MHz RF Frequency Range
♦ 1800MHz to 2800MHz LO Frequency Range
♦ 50MHz to 500MHz IF Frequency Range
♦ 7.2dB Conversion Loss
♦ 7.3dB Noise Figure
♦ +36dBm Typical IIP3
♦ +23.4dBm Typical Input 1dB Compression Point
♦ 70dBc Typical 2RF-2LO Spurious Rejection at PRF = -10dBm
♦ Integrated LO Buffer
♦ Integrated RF and LO Baluns for Single-Ended Inputs
♦ Low -3dBm to +3dBm LO Drive
♦ Pin Compatible with the MAX2042A 2000MHz to
   3900MHz High-Side LO Injection Mixer
♦ Pin Similar with the MAX2029/MAX2031 650MHz
   to 1000MHz Mixers, MAX2039/MAX2041 1700MHz
   to 3000MHz Mixers, and MAX2044/MAX2044A
   3000MHz to 4000MHz Mixers
♦ Single +5.0V or +3.3V Supply
♦ External Current-Setting Resistor Provides Option
   for Operating Device in Reduced-Power/Reduced
   Performance Mode
  
Applications
   2.3GHz WCS Base Stations
   2.5GHz WiMAX and LTE Base Stations
   2.7GHz MMDS Base Stations
   Fixed Broadband Wireless Access
   Wireless Local Loop
   Private Mobile Radios
   Military Systems




Similar Part No. - MAX2042

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20429 MAXIM-MAX20429 Datasheet
715Kb / 18P
Dual 6A High-Efficiency Low Voltage Buck Converter
Rev 1; 12/20
MAX20429 MAXIM-MAX20429 Datasheet
576Kb / 12P
Single Supply Operation with 3.0V to 5.5V Input Supply Range
Rev 0; 12/20
MAX20429AAFNA MAXIM-MAX20429AAFNA Datasheet
715Kb / 18P
Dual 6A High-Efficiency Low Voltage Buck Converter
Rev 1; 12/20
MAX20429CAFNA MAXIM-MAX20429CAFNA Datasheet
715Kb / 18P
Dual 6A High-Efficiency Low Voltage Buck Converter
Rev 1; 12/20
MAX20429EVKIT MAXIM-MAX20429EVKIT Datasheet
576Kb / 12P
Single Supply Operation with 3.0V to 5.5V Input Supply Range
Rev 0; 12/20
More results


Similar Description - MAX2042

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2039 MAXIM-MAX2039 Datasheet
363Kb / 16P
High-Linearity, 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX2041 MAXIM-MAX2041 Datasheet
395Kb / 16P
High-Linearity, 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch
Rev 0; 1/06
MAX2031 MAXIM-MAX2031 Datasheet
634Kb / 16P
High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 7/05
MAX2029 MAXIM-MAX2029 Datasheet
411Kb / 16P
High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07
MAX19999 MAXIM-MAX19999 Datasheet
324Kb / 19P
Dual, SiGe High-Linearity, 3000MHz to 4000MHz Downconversion Mixer with LO Buffer
Rev 0; 10/08
MAX19996A MAXIM-MAX19996A Datasheet
825Kb / 35P
SiGe, High-Linearity, 2000MHz to 3900MHz Downconversion Mixer with LO Buffer
Rev 1; 5/09
MAX2044 MAXIM-MAX2044 Datasheet
6Mb / 39P
SiGe, High-Linearity, 2300MHz to 4000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 10/09
MAX19994A MAXIM-MAX19994A Datasheet
4Mb / 28P
Dual, SiGe, High-Linearity, 1200MHz to 2000MHz Downconversion Mixer with LO Buffer/Switch
19-5197; Rev 0; 4/10
MAX2029ETP-T MAXIM-MAX2029ETP-T Datasheet
417Kb / 16P
High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07
MAX19996 MAXIM-MAX19996 Datasheet
404Kb / 19P
SiGe High-Linearity, 2000MHz to 3000MHz Downconversion Mixer with LO Buffer
Rev 0; 7/08
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com