Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G386 Datasheet (PDF) - NXP Semiconductors

74LVC1G386 Datasheet PDF - NXP Semiconductors
Part # 74LVC1G386
Download  74LVC1G386 Download
File Size   71.79 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 3-input EXCLUSIVE-OR gate

74LVC1G386 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G386 Datasheet PDF - NXP Semiconductors

Part # 74LVC1G386
Download  74LVC1G386 Click to download

File Size   71.79 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 3-input EXCLUSIVE-OR gate

74LVC1G386 Datasheet (HTML) - NXP Semiconductors


74LVC1G386 Product details

General description
The 74LVC1G386 provides a 3-input EXCLUSIVE-OR function.
The input can be driven from either 3.3 or 5 V devices. This feature allows the use of these devices in a mixed 3.3 and 5 V environment.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall time.
This device is fully specified for partial power-down applications using IOFF. The IOFF circuitry disables the output, preventing the damaging backflow current through the device when it is powered down.

Features and benefits
• Wide supply voltage range from 1.65 to 5.5 V
• High noise immunity
• Complies with JEDEC standard:
    – JESD8-7 (1.65 V to 1.95 V)
    – JESD8-5 (2.3 V to 2.7 V)
    – JESD8B/JESD36 (2.7 V to 3.6 V)
• ±24 mA output drive (VCC = 3.0 V)
• Latch-up performance exceeds 250 mA
• CMOS low power consumption
• Direct interface with TTL levels
• Inputs accept voltages up to 5 V
• ESD protection:
    – HBM EIA/JESD22-A114E exceeds 2 000 V
    – MM EIA/JESD22-A115-A exceeds 200 V.
• SOT363 and SOT457 package
• Specified from -40 to +85 °C and -40 to +125 °C.




Similar Part No. - 74LVC1G386

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G386 PHILIPS-74LVC1G386 Datasheet
74Kb / 15P
3-input EXCLUSIVE-OR gate
2003 Nov 04
logo
Nexperia B.V. All right...
74LVC1G386 NEXPERIA-74LVC1G386 Datasheet
215Kb / 12P
3-input EXCLUSIVE-OR gate
Rev. 5 - 1 February 2022
logo
Texas Instruments
74LVC1G386DCKRG4 TI-74LVC1G386DCKRG4 Datasheet
270Kb / 12P
SINGLE 3-INPUT POSITIVE-XOR GATE
74LVC1G386DCKRG4 TI1-74LVC1G386DCKRG4 Datasheet
1Mb / 23P
Single 3-Input Positive-XOR Gate
74LVC1G386DCKRG4 TI2-74LVC1G386DCKRG4 Datasheet
1Mb / 29P
Single 3-Input Positive-XOR Gate
REVISED DECEMBER 2013
More results


Similar Description - 74LVC1G386

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F86DM NSC-54F86DM Datasheet
137Kb / 6P
2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74AHC1G86 PHILIPS-74AHC1G86 Datasheet
61Kb / 12P
2-input EXCLUSIVE-OR gate
2002 Jun 06
logo
Fairchild Semiconductor
NC7SZ386 FAIRCHILD-NC7SZ386 Datasheet
107Kb / 7P
TinyLogic UHS 3-Input Exclusive-OR Gate
logo
NXP Semiconductors
74LVC1G386 PHILIPS-74LVC1G386 Datasheet
74Kb / 15P
3-input EXCLUSIVE-OR gate
2003 Nov 04
logo
Unisonic Technologies
U74AHCT1G86 UTC-U74AHCT1G86 Datasheet
101Kb / 4P
2-INPUT EXCLUSIVE-OR GATE
logo
Fairchild Semiconductor
NC7SZ386 FAIRCHILD-NC7SZ386_04 Datasheet
150Kb / 7P
TinyLogic UHS 3-Input Exclusive-OR Gate
logo
NXP Semiconductors
74AUP1G386 NXP-74AUP1G386 Datasheet
93Kb / 16P
Low-power 3-input EXCLUSIVE-OR gate
Rev. 03-2 July 2009
logo
ON Semiconductor
NC7SZ386 ONSEMI-NC7SZ386 Datasheet
309Kb / 8P
UHS 3-Input Exclusive-OR Gate
Revised May 2014
logo
Nexperia B.V. All right...
74AUP1G386 NEXPERIA-74AUP1G386 Datasheet
255Kb / 16P
Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
74LVC1G386 NEXPERIA-74LVC1G386 Datasheet
215Kb / 12P
3-input EXCLUSIVE-OR gate
Rev. 5 - 1 February 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com