Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3628MPBF Datasheet (PDF) - International Rectifier

IR3628MPBF Datasheet PDF - International Rectifier
Part # IR3628MPBF
Download  IR3628MPBF Download
File Size   568.77 Kbytes
Page   22 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER

IR3628MPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IR3628MPBF Datasheet PDF - International Rectifier

Part # IR3628MPBF
Download  IR3628MPBF Click to download

File Size   568.77 Kbytes
Page   22 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER

IR3628MPBF Datasheet (HTML) - International Rectifier


IR3628MPBF Product details

Description
The IR3628 is a PWM controller designed for high performance synchronous Buck DC/DC applications. The IR3628 drives a pair of external N-MOSFETs using a fixed 600kHz switching frequency allowing the use of small external components. The output voltage can be precisely regulated using the internal 0.6V reference voltage for low voltage applications. IR3628 provides an efficient solution for high-speed bandwidth data bus which requires a particular tracking scheme for best performance using the uncommitted error amplifier.

Features
• Internal 600kHz Oscillator
• Operates with Single 5V or 12V Supply
• Programmable Over Current Protection
• Hiccup Current Limit Using MOSFET RDS(on) sensing
• Tracking for memory application
• Precision Reference Voltage (0.6V)
• Programmable Soft-Start
• Pre-Bias Start-up
• Thermal Protection
• 12-Lead 3x4mm MLPD Package

Applications
• DDR Application
• Storage Systems
• Embedded Telecom Systems
• Distributed Point of Load Power Architectures
• Computing Peripheral Voltage Regulator
• Graphics Card
• General DC/DC Converters




Similar Part No. - IR3628MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3621 IRF-IR3621 Datasheet
375Kb / 29P
2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
IR3621F IRF-IR3621F Datasheet
375Kb / 29P
2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
IR3621FTR IRF-IR3621FTR Datasheet
375Kb / 29P
2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
IR3621M IRF-IR3621M Datasheet
375Kb / 29P
2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
IR3621MPBF IRF-IR3621MPBF Datasheet
375Kb / 29P
2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
More results


Similar Description - IR3628MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
Synchronous Buck PWM Controller
logo
International Rectifier
IR3638SPBF IRF-IR3638SPBF Datasheet
293Kb / 15P
HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER FOR TRACKING APPLIACTIONS
logo
Richtek Technology Corp...
RT9232 RICHTEK-RT9232_07 Datasheet
387Kb / 14P
Programmable Frequency Synchronous Buck PWM Controller
RT9232A RICHTEK-RT9232A Datasheet
386Kb / 14P
Programmable Frequency Synchronous Buck PWM Controller
RT9232B RICHTEK-RT9232B Datasheet
304Kb / 14P
Programmable Frequency Synchronous Buck PWM Controller
logo
International Rectifier
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3640MTRPBF IRF-IR3640MTRPBF Datasheet
964Kb / 32P
HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3638STRPBF IRF-IR3638STRPBF Datasheet
301Kb / 15P
HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER FOR TRACKING APPLIACTIONS
logo
ON Semiconductor
NCP1034 ONSEMI-NCP1034_18 Datasheet
260Kb / 24P
Synchronous PWM Buck Controller
February, 2018 ??Rev. 8
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com