Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9232B Datasheet (PDF) - Richtek Technology Corporation

RT9232B Datasheet PDF - Richtek Technology Corporation
Part # RT9232B
Download  RT9232B Download
File Size   304.03 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Programmable Frequency Synchronous Buck PWM Controller

RT9232B Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9232B Datasheet PDF - Richtek Technology Corporation

Part # RT9232B
Download  RT9232B Click to download

File Size   304.03 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Programmable Frequency Synchronous Buck PWM Controller

RT9232B Datasheet (HTML) - Richtek Technology Corporation


RT9232B Product details

General Description

The RT9232B is a single-phase synchronous buck PWM DC-DC converter controller designed to drive two N- MOSFETs. It provides a highly accurate, programmable output voltage precisely regulated to low voltage

requirement with an internal 0.8V ± 1% reference. The RT9232B uses an external compensated, single

feedback loop voltage mode PWM control for fast transient response. An oscillator with Programmable frequency (50kHz to 800kHz) reduces the external inductor and capacitor component size for saving PCB board area.



Features

Single IC Supply Voltage : 12V

Single phase DC/DC Buck Converter with

   High Output Current (up to 25A )

   Low Output Voltage (down to 0.8V )

   High Input Voltage (up to 12V )

Operate from 12V, 5V or 3.3V Input

0.8V ± 1% Internal Reference

Adaptive Non-Overlapping Gate Drivers

Integrated High-Current, HV Gate Drivers

External Programmable Soft Start

External Programmable Frequency (Range : 50kHz to 800kHz, 200kHz Free Run )

Provide Over Current Protection by Sensing MOSFET RDS(ON)

On/Off Control by Enable Pin

Drives Two N-MOSFET

Full 0 to 100% Duty Cycle

Fast Transient Response

Voltage Mode PWM Control with External Feedback Loop Compensation

RoHS Compliant and 100% Lead (Pb)-Free



Applications

System (Graphic, MB) with 12V Power.

Graphic Cards (AGP 8X, 4X, PCI Express*16) :

   High-Current for High-Performance Graphic Processors (GPU, VPU)

   Middle Current for High-Performance Graphic Memory Power (DDR, DDR II)

   Low Current with Sink Capacity for High-Performance Graphic Memory Power (DDR/VTT)

3.3V to 12V Input DC-DC Regulators

Low Voltage Distributed Power Supplies




Similar Part No. - RT9232B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9232 RICHTEK-RT9232 Datasheet
217Kb / 8P
PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V/2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER AND REFERENCE OUTPUT
RT9232 RICHTEK-RT9232 Datasheet
387Kb / 14P
Programmable Frequency Synchronous Buck PWM Controller
RT9232-CS RICHTEK-RT9232-CS Datasheet
217Kb / 8P
PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V/2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER AND REFERENCE OUTPUT
RT9232-MS RICHTEK-RT9232-MS Datasheet
217Kb / 8P
PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V/2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER AND REFERENCE OUTPUT
RT9232A RICHTEK-RT9232A Datasheet
386Kb / 14P
Programmable Frequency Synchronous Buck PWM Controller
More results


Similar Description - RT9232B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9233 ETC-RT9233 Datasheet
197Kb / 8P
4 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER
RT9223 ETC-RT9223 Datasheet
139Kb / 8P
5 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER
logo
International Rectifier
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT9232 RICHTEK-RT9232_07 Datasheet
387Kb / 14P
Programmable Frequency Synchronous Buck PWM Controller
RT9232A RICHTEK-RT9232A Datasheet
386Kb / 14P
Programmable Frequency Synchronous Buck PWM Controller
logo
International Rectifier
IR3628MPBF IRF-IR3628MPBF Datasheet
568Kb / 22P
HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3640MTRPBF IRF-IR3640MTRPBF Datasheet
964Kb / 32P
HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
ON Semiconductor
NCP1034 ONSEMI-NCP1034_18 Datasheet
260Kb / 24P
Synchronous PWM Buck Controller
February, 2018 ??Rev. 8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com