Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9232B Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9232B
Description  Programmable Frequency Synchronous Buck PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9232B Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9232B Datasheet HTML 1Page - Richtek Technology Corporation RT9232B Datasheet HTML 2Page - Richtek Technology Corporation RT9232B Datasheet HTML 3Page - Richtek Technology Corporation RT9232B Datasheet HTML 4Page - Richtek Technology Corporation RT9232B Datasheet HTML 5Page - Richtek Technology Corporation RT9232B Datasheet HTML 6Page - Richtek Technology Corporation RT9232B Datasheet HTML 7Page - Richtek Technology Corporation RT9232B Datasheet HTML 8Page - Richtek Technology Corporation RT9232B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
RT9232B
3
DS9232B-03
March 2007
www.richtek.com
Function Block Diagram
Operation
Startup
RT9232B initializes automatically after receiving both VCC
and VIN power. Special power-on sequence is not
necessary. The Power-On Reset (POR) function
continually monitors input supply voltages and enable
voltage. POR function monitors IC power via VCC pin and
external MOSFET power via OCSET pin. Voltage on
OCSET pin is a fixed voltage drop less than VIN. When
voltages on VCC, OCSET, and EN pins exceed their
thresholds, POR function initializes soft-start operation.
POR inhibits driver operation while EN pin pulls low.
Transitioning EN pin high after input supply voltages ready
initializes soft-start operation.
Soft-Start
After POR function releases soft-start operation, an internal
10uA current source charges an external capacitor on SS
pin (Css) to 5V. Soft-start function clamps both COMP &
FB pins to SS pin voltage & a fixed voltage drop less than
SS pin voltage respectively. Thus upper MOSFET turns
on at a limited duty and output current overshoot can be
reduced. This method provides a rapid and controlled
output voltage rise.
OCP
The OCP function monitors output current by using upper
MOSFET RDS(ON). The OCP function cycles soft-start
function in a hiccup mode. Overcurrent triggering level
can be arbitrarily set by adjusting ROCSET. An Internal 200
μA
current sink makes a voltage drop across ROCSET from
VIN. When VPHASE is lower than VOCSET, OCP function
initializes soft-start cycles. The soft-start function
discharges CSS with 10
μA current sink and disable PWM
function. Then soft-start function recharges Css and PWM
operation resumes. The soft-start hiccup restarts after
SS voltage fully charges to 4V if the output short event
still remains. The converter is shutdown permanently after
3 times hiccup and only restarting supply voltages can
enable the converter. The OCP funcion will be triggered
as inductor current reach :
×
OCSET
OCSET
L(MAX)
DS(ON)
IR
I=
R
Power-On
Reset (POR)
Soft Start
and
Fault Logic
Oscillator
Driver Logic
EA
PWM
10uA
Reference
SS
GND
FB
OCSET
PHASE
PVCC
LGATE
PGND
UGATE
BOOT
VCC
COMP
RT
POR
-
+
+
-
-
+
+
-
0.6V
UV
0.8V
EN
INHIBIT
+
+
200uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com