Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9232B Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9232B
Description  Programmable Frequency Synchronous Buck PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9232B Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9232B Datasheet HTML 6Page - Richtek Technology Corporation RT9232B Datasheet HTML 7Page - Richtek Technology Corporation RT9232B Datasheet HTML 8Page - Richtek Technology Corporation RT9232B Datasheet HTML 9Page - Richtek Technology Corporation RT9232B Datasheet HTML 10Page - Richtek Technology Corporation RT9232B Datasheet HTML 11Page - Richtek Technology Corporation RT9232B Datasheet HTML 12Page - Richtek Technology Corporation RT9232B Datasheet HTML 13Page - Richtek Technology Corporation RT9232B Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
RT9232B
13
DS9232B-03
March 2007
www.richtek.com
Feedback Loop Design Procedure
Use these guidelines for locating the poles and zeros of
the compensation network :
1. Pick Gain (R2/R1) for desired 0dB crossing frequency
(FC).
2. Place 1ST zero FZ1 below modulator's double pole FLC
(~75% FLC).
3. Place 2ND zero FZ2 at modulator's double pole FLC.
4. Place 1ST pole FZ1 at the ESR zero FZ_ESR.
5. Place 2ND pole FZ2 at half the switching frequency.
6. Check gain against error amplifier's open-loop gain.
7. Pick RFB for desired output voltage.
8. Estimate phase margin and repeat if necessary.
Layout Consideration
Layout is very important in high frequency switching
converter design. If designed improperly, the PCB could
radiate excessive noise and contribute to the converter
instability. First, place the PWM power stage components.
Mount all the power components and connections in the
top layer with wide copper areas. The MOSFETs of Buck,
inductor, and output capacitor should be as close to each
other as possible. This can reduce the radiation of EMI
due to the high frequency current loop. If the output
capacitors are placed in parallel to reduce the ESR of
capacitor, equal sharing ripple current should be
considered. Place the input capacitor directly to the drain
of high-side MOSFET. The MOSFETs of linear regulator
should have wide pad to dissipate the heat. In multilayer
PCB, use one layer as power ground and have a separate
control signal ground as the reference of the all signal. To
avoid the signal ground is effect by noise and have best
load regulation, it should be connected to the ground
terminal of output. Furthermore, follows below guidelines
can get better performance of IC :
(1). The IC needs a bypassing ceramic capacitor as a R-C
filter to isolate the pulse current from power stage
and supply to IC, so the ceramic capacitor should be
placed adjacent to the IC.
(2). Place the high frequency ceramic decoupling close
to the power MOSFETs.
(3). The feedback part should be placed as close to IC as
possible and keep away from the inductor and all noise
sources.
(4). The components of bootstraps should be closed to
each other and close to MOSFETs.
(5).The PCB trace from Ug and Lg of controller to
MOSFETs should be as short as possible and can
carry 1A peak current.
(6). Place all of the components as close to IC as possible.
10
100
1K
10K
100K
1M
10M
-60
-40
-20
0
20
40
60
80
100
Modulator
Gain
F
LC
F
ESR
Closed Loop Gain
Compensation
Gain
Open Loop Error
AMP Gain
20LOG
(VIN/ΔVOSC)
20LOG
(R1/R2)
F
Z1 FZ2
F
P1
F
P2
Frequency (Hz)
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com