Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3629 Datasheet (PDF) - International Rectifier

IR3629 Datasheet PDF - International Rectifier
Part # IR3629
Download  IR3629 Download
File Size   586.24 Kbytes
Page   23 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER WITH POWER GOOD OUTPUT

IR3629 Datasheet (PDF)

Go To PDF Page Download Datasheet
IR3629 Datasheet PDF - International Rectifier

Part # IR3629
Download  IR3629 Click to download

File Size   586.24 Kbytes
Page   23 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER WITH POWER GOOD OUTPUT

IR3629 Datasheet (HTML) - International Rectifier


IR3629 Product details

Description
The IR3629/IR3629A is a PWM controller designed for high performance synchronous Buck DC/DC applications. The IR3629/IR3629A drives a pair of external N-MOSFETs using a fixed 600kHz (300kHz “A version”) switching frequency allowing the use of small external components. The output voltage can be precisely regulated using the internal 0.6V reference voltage for low voltage applications. Protection such as Pre-Bias startup, hiccup current limit and thermal shutdown provide the required system level security in the event of fault conditions.

Features
• Internal 600kHz Oscillator (300kHz “A version”)
• Operates with Single 5V or 12V Supply
• Programmable Over Current Protection
• Hiccup Current Limit Using MOSFET RDS(on) sensing
• Precision Reference Voltage (0.6V)
• Programmable Soft-Start
• Programmable PGood output
• Pre-Bias Start-up
• Thermal Protection
• 12-Lead MLP Package

Applications
• Distributed Point-of-Loads
• Embedded Systems
• Storage Systems
• DDR Applications
• Graphics Cards
• Computing Peripheral Voltage Regulators
• General DC-DC Converters




Similar Part No. - IR3629

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3621 IRF-IR3621 Datasheet
375Kb / 29P
2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
IR3621F IRF-IR3621F Datasheet
375Kb / 29P
2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
IR3621FTR IRF-IR3621FTR Datasheet
375Kb / 29P
2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
IR3621M IRF-IR3621M Datasheet
375Kb / 29P
2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
IR3621MPBF IRF-IR3621MPBF Datasheet
375Kb / 29P
2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
More results


Similar Description - IR3629

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT1368 ETC-AT1368 Datasheet
549Kb / 13P
1- Channel Synchronous Buck PWM Controller with Power Good Reset
logo
International Rectifier
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
Aimtron Technology
AT1369 AIMTRON-AT1369 Datasheet
750Kb / 12P
2-Channel Synchronous Buck PWM Controller with Power Good Reset
logo
Richtek Technology Corp...
RT9232 RICHTEK-RT9232_07 Datasheet
387Kb / 14P
Programmable Frequency Synchronous Buck PWM Controller
RT9232A RICHTEK-RT9232A Datasheet
386Kb / 14P
Programmable Frequency Synchronous Buck PWM Controller
logo
International Rectifier
IR3628MPBF IRF-IR3628MPBF Datasheet
568Kb / 22P
HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
STMicroelectronics
L6728A STMICROELECTRONICS-L6728A Datasheet
1Mb / 32P
High frequency single phase PWM controller with Power Good
01-Oct-2008
logo
International Rectifier
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
STMicroelectronics
L6728AH STMICROELECTRONICS-L6728AH Datasheet
1Mb / 33P
High frequency single phase PWM controller with Power Good
20-May-2009
logo
International Rectifier
IR3640MTRPBF IRF-IR3640MTRPBF Datasheet
964Kb / 32P
HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com