Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGCT03 Datasheet (PDF) - Zarlink Semiconductor Inc

MGCT03 Datasheet PDF - Zarlink Semiconductor Inc
Part # MGCT03
Download  MGCT03 Download
File Size   366.96 Kbytes
Page   11 Pages
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc
Description Transmit Circuit for TDMA/AMPS

MGCT03 Datasheet (PDF)

Go To PDF Page Download Datasheet
MGCT03 Datasheet PDF - Zarlink Semiconductor Inc

Part # MGCT03
Download  MGCT03 Click to download

File Size   366.96 Kbytes
Page   11 Pages
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc
Description Transmit Circuit for TDMA/AMPS

MGCT03 Datasheet (HTML) - Zarlink Semiconductor Inc


MGCT03 Product details

The MGCT03 circuit is designed for use in dual band, dual mode cellular 900MHz/PCS1900MHz mobile phones. It can be used for TDMA/AMPS. The MGCT03 is compatible with baseband and mixed signal interface circuits from Zarlink Semiconductor and other manufacturers.

Features
• Dual RF Ports for 900MHz and 1900MHz
• AGC Amplifier with 90dB of Variable Gain, Fully Compensated for Temperature
• On-chip Active Filter. Removes the Requirement for External IF SAW Filter
• High Power 900MHz and 1900MHz Output Stages
• Quadrature Modulator

Applications
• Transmit Modulator and Up-converter in TDMA/AMPS Mobile Phones




Similar Part No. - MGCT03

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MGCT02 ZARLINK-MGCT02 Datasheet
273Kb / 12P
Transmit Circuit for TDMA/AMPS
MGCT02/KG/QP1S ZARLINK-MGCT02/KG/QP1S Datasheet
273Kb / 12P
Transmit Circuit for TDMA/AMPS
MGCT02/KG/QP1T ZARLINK-MGCT02/KG/QP1T Datasheet
273Kb / 12P
Transmit Circuit for TDMA/AMPS
MGCT04 ZARLINK-MGCT04 Datasheet
343Kb / 12P
Transmit Circuit for TDMA/AMPS and CDMA/AMPS
MGCT04KG ZARLINK-MGCT04KG Datasheet
343Kb / 12P
Transmit Circuit for TDMA/AMPS and CDMA/AMPS
More results


Similar Description - MGCT03

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2152 RFMD-RF2152 Datasheet
251Kb / 12P
DUAL-MODE CDMA/AMPS OR TDMA/AMPS 3V POWER AMPLIFIER
logo
Zarlink Semiconductor I...
MGCT04 ZARLINK-MGCT04 Datasheet
343Kb / 12P
Transmit Circuit for TDMA/AMPS and CDMA/AMPS
MGCM02 ZARLINK-MGCM02 Datasheet
529Kb / 21P
TDMA/AMPS IF and Baseband Interface
logo
Synaptics Incorporated.
CX74036 CONEXANT-CX74036 Datasheet
106Kb / 13P
IS-136 Receive RF IC for TDMA and AMPS Applications
logo
Zarlink Semiconductor I...
MGCM01 ZARLINK-MGCM01 Datasheet
397Kb / 18P
TDMA/AMPS Baseband Interface
logo
Synaptics Incorporated.
CX74037 CONEXANT-CX74037 Datasheet
106Kb / 11P
Transmit RF IC for TDMA or AMPS Applications
logo
Zarlink Semiconductor I...
MGCT02 ZARLINK-MGCT02 Datasheet
273Kb / 12P
Transmit Circuit for TDMA/AMPS
MGCR01 ZARLINK-MGCR01 Datasheet
320Kb / 12P
Dual Mode IF Receiver for TDMA/AMPS and CDMA/AMPS
logo
API Technologies Corp
CMF258 APITECH-CMF258 Datasheet
113Kb / 1P
AMPS A-Band Transmit Filter
CMF252 APITECH-CMF252 Datasheet
113Kb / 1P
AMPS Fullband Transmit Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com