Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGCT03 Datasheet(PDF) 1 Page - Zarlink Semiconductor Inc

Part # MGCT03
Description  Transmit Circuit for TDMA/AMPS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MGCT03 Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

  MGCT03 Datasheet HTML 1Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 2Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 3Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 4Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 5Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 6Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 7Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 8Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
MGCT03
Transmit Circuit for TDMA/AMPS
DS5418
ISSUE 1.0
December 2000
Ordering Information
MGCT03/KG/QP1S
MGCT03/KG/QP1T
The MGCT03 circuit is designed for use in dual
band, dual mode cellular 900MHz/PCS1900MHz
mobile phones. It can be used for TDMA/AMPS. The
MGCT03 is compatible with baseband and mixed
signal interface circuits from Zarlink Semiconductor
and other manufacturers.
System costs have been kept to a minimum by
removing the requirement for an additional SAW filter
in the transmit IF path. The AGC has been split
between RF and IF sections to reduce noise and a
low pass filter has been included before the IF
variable gain amplifier to remove spurious products
produced in the modulator.
For CDMA systems the MGCT04 is recommended.
Figure 1 - MGCT03 Block Diagram
Features
•
Dual RF Ports for 900MHz and 1900MHz
•
AGC Amplifier with 90dB of Variable Gain, Fully
Compensated for Temperature
•
On-chip Active Filter. Removes the
Requirement for External IF SAW Filter
•
High Power 900MHz and 1900MHz Output
Stages
•
Quadrature Modulator
Applications
•
Transmit Modulator and Up-converter in TDMA/
AMPS Mobile Phones
Absolute Maximum Ratings
Supply voltage (VCC)4V
Control input voltage
-0.6V to VCC + 0.6V
Storage temperature, TSTG
-55˚C to +125˚C
Operating temperature
-40˚C to 100˚C
Max Junction Temperature (TJ)
150˚C
RF900
÷2/4AND
PHASE
SHIFT
IF VGA
ALL PASS
PHASE
SHIFT
NETWORK
RF VGA
RF190
RF900
RFDEG1
OSC
BUFFER
VGA CONTROL
VHF OSC IN
Q IN
Q IN
I IN
I IN
17
18
20
19
11
12
2
AGC
UHF
OSCILLATOR
INPUT SELECT
CONTROL LOGIC
POWER CONTROL
1
CP2
CP1
CP0
27
28
23
25
LO 2GHz
LO 1GHz
1900 MHz
OUTPUT DRIVER
900 MHz
OUTPUT DRIVER
7
6
3
4
9
8
VREF
BIAS
BUFFER
VHF OSC BIAS
SSB MIXER
RF190
RFDEG2


Similar Part No. - MGCT03

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MGCT02 ZARLINK-MGCT02 Datasheet
273Kb / 12P
Transmit Circuit for TDMA/AMPS
MGCT02/KG/QP1S ZARLINK-MGCT02/KG/QP1S Datasheet
273Kb / 12P
Transmit Circuit for TDMA/AMPS
MGCT02/KG/QP1T ZARLINK-MGCT02/KG/QP1T Datasheet
273Kb / 12P
Transmit Circuit for TDMA/AMPS
MGCT04 ZARLINK-MGCT04 Datasheet
343Kb / 12P
Transmit Circuit for TDMA/AMPS and CDMA/AMPS
MGCT04KG ZARLINK-MGCT04KG Datasheet
343Kb / 12P
Transmit Circuit for TDMA/AMPS and CDMA/AMPS
More results

Similar Description - MGCT03

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2152 RFMD-RF2152 Datasheet
251Kb / 12P
DUAL-MODE CDMA/AMPS OR TDMA/AMPS 3V POWER AMPLIFIER
logo
Zarlink Semiconductor I...
MGCT04 ZARLINK-MGCT04 Datasheet
343Kb / 12P
Transmit Circuit for TDMA/AMPS and CDMA/AMPS
MGCM02 ZARLINK-MGCM02 Datasheet
529Kb / 21P
TDMA/AMPS IF and Baseband Interface
logo
Synaptics Incorporated.
CX74036 CONEXANT-CX74036 Datasheet
106Kb / 13P
IS-136 Receive RF IC for TDMA and AMPS Applications
logo
Zarlink Semiconductor I...
MGCM01 ZARLINK-MGCM01 Datasheet
397Kb / 18P
TDMA/AMPS Baseband Interface
logo
Synaptics Incorporated.
CX74037 CONEXANT-CX74037 Datasheet
106Kb / 11P
Transmit RF IC for TDMA or AMPS Applications
logo
Zarlink Semiconductor I...
MGCT02 ZARLINK-MGCT02 Datasheet
273Kb / 12P
Transmit Circuit for TDMA/AMPS
MGCR01 ZARLINK-MGCR01 Datasheet
320Kb / 12P
Dual Mode IF Receiver for TDMA/AMPS and CDMA/AMPS
logo
API Technologies Corp
CMF258 APITECH-CMF258 Datasheet
113Kb / 1P
AMPS A-Band Transmit Filter
CMF252 APITECH-CMF252 Datasheet
113Kb / 1P
AMPS Fullband Transmit Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com