Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15003 Datasheet (PDF) - Maxim Integrated Products

MAX15003 Datasheet PDF - Maxim Integrated Products
Part # MAX15003
Download  MAX15003 Download
File Size   928.22 Kbytes
Page   32 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Triple-Output Buck Controller with Tracking/Sequencing

MAX15003 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX15003 Datasheet PDF - Maxim Integrated Products

Part # MAX15003
Download  MAX15003 Click to download

File Size   928.22 Kbytes
Page   32 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Triple-Output Buck Controller with Tracking/Sequencing

MAX15003 Datasheet (HTML) - Maxim Integrated Products


MAX15003 Product details

General Description
The MAX15003 is a triple-output, pulse-width-modulated (PWM), step-down DC-DC controller with tracking and sequencing capability. The device operates over the input voltage range of 5.5V to 23V or 5V ±10%. Each PWM controller provides an adjustable output down to 0.6V and delivers up to 15A for each output with excellent load and line regulation. The MAX15003 is optimized for high-performance, small-size power management solutions.

Features
♦ 5.5V to 23V or 5V ±10% Input Voltage Range
♦ Triple-Output Synchronous Buck Controller
♦ Selectable In-Phase or 120° Out-of-Phase Operation
♦ Output Voltages Adjustable from 0.6V to 0.85VIN
♦ Lossless Valley-Mode Current Sensing or Accurate Valley Current Sensing Using RSENSE
♦ External Compensation for Maximum Flexibility
♦ Digital Soft-Start and Soft-Stop
♦ Sequencing or Coincident/Ratiometric VOUT Tracking
♦ Individual PGOOD Outputs
♦ RESET Output with a Programmable Timeout Period
♦ 200kHz to 2.2MHz Programmable Switching Frequency
♦ External Frequency Synchronization
♦ Hiccup Mode Short-Circuit Protection
♦ Space-Saving (7mm x 7mm) 48-Pin TQFN Package

Applications
    PCI Express® Host Bus Adapter Power Supplies
    Networking/Server Power Supplies
    Point-of-Load DC-DC Converters




Similar Part No. - MAX15003

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15003 MAXIM-MAX15003 Datasheet
347Kb / 12P
Programmable Switching Frequency Up to 2.2MHz
Rev 0; 2/08
MAX15003EVKIT MAXIM-MAX15003EVKIT Datasheet
347Kb / 12P
Programmable Switching Frequency Up to 2.2MHz
Rev 0; 2/08
MAX15003EVKIT+ MAXIM-MAX15003EVKIT+ Datasheet
347Kb / 12P
Programmable Switching Frequency Up to 2.2MHz
Rev 0; 2/08
MAX15003 MAXIM-MAX15003_12 Datasheet
769Kb / 31P
Triple-Output Buck Controller with Tracking/Sequencing
Rev 1; 8/12
More results


Similar Description - MAX15003

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1341 AIC-AIC1341 Datasheet
231Kb / 14P
High Performance, Triple-Output, Auto-Tracking Combo Controller
logo
Maxim Integrated Produc...
MAX1964 MAXIM-MAX1964 Datasheet
475Kb / 30P
Tracking/Sequencing Triple/Quintuple Power-Supply Controllers
Rev 0; 7/01
logo
Texas Instruments
TPS40100 TI-TPS40100 Datasheet
582Kb / 10P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40101 TI-TPS40101 Datasheet
664Kb / 35P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
logo
Maxim Integrated Produc...
MAX15002 MAXIM-MAX15002 Datasheet
562Kb / 30P
Dual-Output Buck Controller with Tracking/Sequencing
Rev 0; 12/07
logo
Linear Technology
LTC3708 LINER-LTC3708 Datasheet
420Kb / 32P
Fast 2-Phase, No RSENSE Buck Controller with Output Tracking
logo
Analog Devices
ADP1877 AD-ADP1877 Datasheet
3Mb / 32P
Dual Output Synchronous Buck PWM Controller With Tracking
REV. 0
logo
Maxim Integrated Produc...
MAX15002 MAXIM-MAX15002_12 Datasheet
505Kb / 29P
Dual-Output Buck Controller with Tracking/Sequencing
Rev 2; 10/12
MAX15003 MAXIM-MAX15003_12 Datasheet
769Kb / 31P
Triple-Output Buck Controller with Tracking/Sequencing
Rev 1; 8/12
logo
Linear Technology
LTC3708 LINER-LTC3708_15 Datasheet
417Kb / 32P
Fast 2-Phase, No RSENSE Buck Controller with Output Tracking
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com