Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1964 Datasheet (PDF) - Maxim Integrated Products

MAX1964 Datasheet PDF - Maxim Integrated Products
Part # MAX1964
Download  MAX1964 Download
File Size   475.07 Kbytes
Page   30 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Tracking/Sequencing Triple/Quintuple Power-Supply Controllers

MAX1964 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1964 Datasheet PDF - Maxim Integrated Products

Part # MAX1964
Download  MAX1964 Click to download

File Size   475.07 Kbytes
Page   30 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Tracking/Sequencing Triple/Quintuple Power-Supply Controllers

MAX1964 Datasheet (HTML) - Maxim Integrated Products


MAX1964 Product details

General Description
The MAX1964/MAX1965 power-supply controllers are designed to address cost-sensitive applications demanding voltage sequencing/tracking, such as cable modem consumer premise equipment (CPE), xDSL CPE, and set-top boxes. Operating off a low-cost, unregulated DC supply (such as a wall adapter output), the MAX1964 generates three positive outputs and the MAX1965 generates four positive outputs and one negative output to provide an inexpensive system power supply.

Features
♦ 4.5V to 28V Input Voltage Range
♦ Master DC-DC Step-Down Converter:
   Preset 3.3V or Adjustable (1.236V to 0.75 x VIN)
   Output Voltage
   Fixed Frequency (200kHz) PWM Controller
   No Current-Sense Resistor
   Adjustable Current Limit
   95% Efficient
   Soft-Start
♦ Two (MAX1964)/Four (MAX1965) Analog Gain
   Blocks:
   Positive Analog Blocks Drive Low-Cost PNP
   Pass Transistors to Build Positive Linear
   Regulators
   Negative Analog Block (MAX1965) Drives a
   Low-Cost NPN Pass Transistor to Build a
   Negative Linear Regulator
♦ Power-Good Indicator
♦ Voltage Sequencing (MAX1964) or Tracking
   (MAX1965)

Applications
   xDSL, Cable, and ISDN Modems
   Set-Top Boxes
   Wireless Local Loop




Similar Part No. - MAX1964

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX196 MAXIM-MAX196 Datasheet
165Kb / 16P
Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface
Rev 0; 9/95
MAX196 MAXIM-MAX196 Datasheet
205Kb / 8P
Jumper-Selectable Configuration
Rev 0; 2/96
MAX196-MAX198 MAXIM-MAX196-MAX198 Datasheet
165Kb / 16P
Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface
Rev 0; 9/95
MAX1960 MAXIM-MAX1960 Datasheet
455Kb / 29P
2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 0; 1/03
MAX1960 MAXIM-MAX1960 Datasheet
321Kb / 29P
2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 1; 6/09
More results


Similar Description - MAX1964

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV302 SUTEX-HV302 Datasheet
618Kb / 10P
Sequencing Hotswap Controllers
logo
Intersil Corporation
ISL6123 INTERSIL-ISL6123_07 Datasheet
502Kb / 21P
Power Sequencing Controllers
February 5, 2007
logo
Maxim Integrated Produc...
MAX15003 MAXIM-MAX15003 Datasheet
928Kb / 32P
Triple-Output Buck Controller with Tracking/Sequencing
Rev 0; 10/07
logo
Extech Instruments Corp...
382285 EXTECH-382285 Datasheet
175Kb / 1P
Dual Tracking, Triple Output DC Power Supply
logo
Intersil Corporation
ISL6123 INTERSIL-ISL6123 Datasheet
516Kb / 23P
Power Sequencing Controllers
August 25, 2011
ISL8723 INTERSIL-ISL8723 Datasheet
301Kb / 14P
Power Sequencing Controllers
April 22, 2009
ISL6123 INTERSIL-ISL6123_11 Datasheet
747Kb / 23P
Power Sequencing Controllers
August 25, 2011
logo
Maxim Integrated Produc...
MAX15003 MAXIM-MAX15003_12 Datasheet
769Kb / 31P
Triple-Output Buck Controller with Tracking/Sequencing
Rev 1; 8/12
logo
RF Micro Devices
RFPA1545 RFMD-RFPA1545 Datasheet
2Mb / 19P
No Power Supply Sequencing
logo
Renesas Technology Corp
ISL8723 RENESAS-ISL8723 Datasheet
663Kb / 14P
Power Sequencing Controllers
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com