Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV302 Datasheet (PDF) - Supertex, Inc

HV302 Datasheet PDF - Supertex, Inc
Part # HV302
Download  HV302 Download
File Size   618.9 Kbytes
Page   10 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Sequencing Hotswap Controllers

HV302 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV302 Datasheet PDF - Supertex, Inc

Part # HV302
Download  HV302 Click to download

File Size   618.9 Kbytes
Page   10 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Sequencing Hotswap Controllers

HV302 Datasheet (HTML) - Supertex, Inc


HV302 Product details

General Description

The HV302 and HV312 Hotswap Controllers perform current limiting,  circuit breaker protection, over and under voltage detection power management functions during insertion of cards or modules into live backplanes and connectors. Theymaybe used in  systems where active control is implemented in the negative lead of supplies ranging from -10V to -90V or +10V to +90V.



Features

-10V to 90V or +10V to +90V Operation

Four PWRGD Flags with Programmable Delays

Integrated “normally-on” Gate Clamp eliminates components

UV/OV Lock Out & Power-On-Reset (POR) for Debouncing

Sense resistor programmed Circuit Breaker & Servo Limit

Programmable Circuit Breaker Delay

Inrush control using either: Servo or Feedback Capacitor

Feedback to RAMP pin saves gate protection components

100ms Start Up Timeout Protection for Output Overload

Programmable Inrush Current di/dt Control

Programmable Auto-Retry(tens of seconds if desired)

Auto-Retryor Latched Operation

Application solution for input voltage step (diode “ORing”)

Enable through Open Drain interface to UV or OV

LowPower, 0.6mA Active Mode, 0.4mA Sleep Mode

Small SOIC-14 Package



Applications

-48V Telecom and Networking

-24V Cellular and Fixed Wireless Systems

-24V PBX Systems

Power Over LAN (IEEE802.3)

Distributed Power Systems

Power SupplyControl

+48V Servers and SANs

Hotswap Control of Diode ORed Multiple Power Sources

Cooling Fan Systems




Similar Part No. - HV302

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV302DB1 SUTEX-HV302DB1 Datasheet
320Kb / 2P
Hotswap Controller
More results


Similar Description - HV302

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV100 SUTEX-HV100 Datasheet
83Kb / 5P
3-Pin Hotswap, Inrush Current Limiter Controllers
HV300 SUTEX-HV300 Datasheet
78Kb / 6P
Hotswap, Inrush Current Limiter Controllers
HV301 SUTEX-HV301 Datasheet
664Kb / 21P
Hotswap, Controllers with Circuit Breaker
logo
Intersil Corporation
ISL6123 INTERSIL-ISL6123_07 Datasheet
502Kb / 21P
Power Sequencing Controllers
February 5, 2007
ISL6123 INTERSIL-ISL6123 Datasheet
516Kb / 23P
Power Sequencing Controllers
August 25, 2011
ISL8723 INTERSIL-ISL8723 Datasheet
301Kb / 14P
Power Sequencing Controllers
April 22, 2009
ISL6123 INTERSIL-ISL6123_11 Datasheet
747Kb / 23P
Power Sequencing Controllers
August 25, 2011
logo
Supertex, Inc
HV310 SUTEX-HV310_09 Datasheet
674Kb / 7P
Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV300 SUTEX-HV300_09 Datasheet
705Kb / 7P
Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
logo
Renesas Technology Corp
ISL8723 RENESAS-ISL8723 Datasheet
663Kb / 14P
Power Sequencing Controllers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com