Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV301 Datasheet (PDF) - Supertex, Inc

HV301 Datasheet PDF - Supertex, Inc
Part # HV301
Download  HV301 Download
File Size   664.03 Kbytes
Page   21 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Hotswap, Controllers with Circuit Breaker

HV301 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV301 Datasheet PDF - Supertex, Inc

Part # HV301
Download  HV301 Click to download

File Size   664.03 Kbytes
Page   21 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Hotswap, Controllers with Circuit Breaker

HV301 Datasheet (HTML) - Supertex, Inc


HV301 Product details

General Description
The Supertex HV301 and HV311 Hotswap Controllers provide control of power supply connection during insertion of cards or modules into live backplanes. They may be used in systems where active control is implemented in the negative lead of supplies ranging from ±10V to ±90V.

Features
❑ ±10V to ±90V Operation
❑ Built-in “normally on” turn-on clamp eliminates components
❑ UV/OV Lock Out & Power-on-Reset(POR) for Debouncing
❑ Sense resistor programmed circuit breaker
❑ Programmable circuit breaker holdoff
❑ Inrush control using either: i) servo or ii) feedback cap
❑ Feedback to Ramp pin means no Gate Clamp needed
❑ Application solution for input voltage step (diode “ORing”)
❑ Programmable Auto-Retry (tens of seconds if desired)
❑ Auto-Retry or Latched Operation
❑ Enable through Open Drain interface to UV or OV
❑ Low Power, <0.6mA , <0.4mA Sleep Mode
❑ PWRGD Flag
❑ Small SOIC-8 Package

Applications
❑ -48V Central Office Switching
❑ -24V Cellular and Fixed Wireless Systems
❑ -24V PBX Systems
❑ Line Cards
❑ -48V Powered Ethernet for VoIP
❑ Distributed Power Systems
❑ Power Supply Control
❑ +48V Storage Networks
❑ Electronic Circuit Breaker




Similar Part No. - HV301

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV301 SUTEX-HV301 Datasheet
989Kb / 20P
Hot Swap Controller (Negative Supply Rail)
logo
Beijing Yaohuadechang E...
HV301GB YHDC-HV301GB Datasheet
6Mb / 1P
Hall voltage sensor
logo
Supertex, Inc
HV301 SUTEX-HV301_05 Datasheet
989Kb / 20P
Hot Swap Controller (Negative Supply Rail)
More results


Similar Description - HV301

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV100 SUTEX-HV100 Datasheet
83Kb / 5P
3-Pin Hotswap, Inrush Current Limiter Controllers
HV300 SUTEX-HV300 Datasheet
78Kb / 6P
Hotswap, Inrush Current Limiter Controllers
HV302 SUTEX-HV302 Datasheet
618Kb / 10P
Sequencing Hotswap Controllers
HV111 SUTEX-HV111 Datasheet
551Kb / 9P
Inrush Limiter/Circuit Breaker/Hotswap Controller IC
logo
Texas Instruments
TPS2320IDRG4 TI-TPS2320IDRG4 Datasheet
503Kb / 26P
DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320IPW TI-TPS2320IPW Datasheet
503Kb / 26P
DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2321IPW TI-TPS2321IPW Datasheet
503Kb / 26P
DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
logo
Supertex, Inc
HV310 SUTEX-HV310_09 Datasheet
674Kb / 7P
Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV300 SUTEX-HV300_09 Datasheet
705Kb / 7P
Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV101 SUTEX-HV101_13 Datasheet
832Kb / 8P
3-Pin Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com