Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV302 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV302
Description  Sequencing Hotswap Controllers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV302 Datasheet(HTML) 4 Page - Supertex, Inc

  HV302 Datasheet HTML 1Page - Supertex, Inc HV302 Datasheet HTML 2Page - Supertex, Inc HV302 Datasheet HTML 3Page - Supertex, Inc HV302 Datasheet HTML 4Page - Supertex, Inc HV302 Datasheet HTML 5Page - Supertex, Inc HV302 Datasheet HTML 6Page - Supertex, Inc HV302 Datasheet HTML 7Page - Supertex, Inc HV302 Datasheet HTML 8Page - Supertex, Inc HV302 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Rev. D
04/17/02
HV302 / HV312
Functional Block Diagram
LOGIC
C
Band Gap
Reference
Vbg
Internal
Supply
Regulator
Vint
C
UVLO
and
POR
gm
Transconductor
gm
2Vbg
Clamp Mechanism
Buffer
1 : 2
Mirror
10uA
Vint
C
Vint-1.2V
C
100mV
5k
5k
Transconductor
Circuit Breaker
Latch High & Sleep
TB TC TD
SENSE
RAMP
GATE
555 type
Auto-Retry
Timer
Programmable
Timer
Selector
Switch
Selector
Switch
Vbg
UV
OV
VEE
PWRGD-A
PWRGD-B
PWRGD-C
PWRGD-D
VDD
Functional Description
Insertion into Hot Backplanes
Telecom, Networking, SAN and Server applications require the
ability to insert and remove circuit cards from systems without
powering down the entire system. All circuit cards have some filter
capacitance on the power rails, which is especially true in circuit
cards or network terminal equipment utilizing distributed power
systems. The insertion can result in high inrush currents that can
cause damage to connector and circuit cards and may result in
unacceptable disturbances on the system backplane power rails.
The HV302 and HV312 are designed to facilitate the insertion of
these circuit cards or connection of terminal equipment by
eliminating these inrush currents and powering up these circuits in
a controlled manner after full connector insertion has been
achieved
Description of Operation
During initial power application, a “normally-on” circuit holds off the
external MOSFET, preventing an input glitch while an integrated
regulator
establishes
an
internal
operating
voltage
of
approximately 10V. Until the proper internal voltage is achieved all
circuits are held reset, the PWRGD flags are inactive and the gate
to source voltage of the external MOSFET is clamped low.
Once the internal under voltage lock out (UVLO) has been
satisfied, the circuit checks the input supply under voltage (UV)
and over voltage (OV) sense circuits to ensure that the input
voltage is within programmed limits. These limits are determined
by the selected values of resistors R1, R2 and R3, which form a
voltage divider.
In Servo Mode operation, assuming the UV and OV limits are
satisfied and while continuing to hold the PWRGD flags inactive
and the external MOSFET GATE voltage low, the current source
feeding the RAMP pin is turned on. The external ramp capacitor
connected to it begins to charge, thus starting an initial time delay
determined by the value of the capacitor and the 2Vbg threshold
voltage of the RAMP pin. During this time if the OV or UV limits
are exceeded, an immediate reset occurs and the capacitor
connected to the RAMP pin is discharged.
When the voltage on the RAMP pin exceeds the 2Vbg threshold
voltage, the gate drive circuit begins to apply voltage to the gate of
the external MOSFET, which begins to turn on when its gate
threshold voltage is reached.
The resulting output current
generates a voltage drop on the sense resistor connected between
the SENSE and VEE pins, causing a decrease in the available
current charging the capacitor on the RAMP pin. This continuous
feedback mechanism allows the output current to rise inverse
exponentially over a period of a few hundred microseconds to the
sense resistor programmed current limit set point.
When the voltage drop on the sense resistor reaches 50mV the
RAMP pin current is reduced to zero and the voltage on the RAMP
pin will be fixed, indicating that the circuit is in current limit mode.
Depending on the value of the load capacitor and the programmed
current limit, charging may continue for some time, but may not
exceed a nominal 100ms preset time limit.
Once the load
capacitor has been charged, the output current will drop, reducing
the voltage on the SENSE pin, which in turn will increase the
RAMP pin current, thus causing the voltage on the capacitor
connected to the RAMP pin to continue rising, thereby providing
yet another programmed delay.
Supertex, Inc. 1235 Bordeaux Drive, Sunnyvale, CA 94089 TEL: (408) 744-0100 Fax: (408) 222-4895 www.supertex.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com