Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3341E Datasheet (PDF) - Maxim Integrated Products

MAX3341E Datasheet PDF - Maxim Integrated Products
Part # MAX3341E
Download  MAX3341E Download
File Size   341.05 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description ±15kV ESD-Protected USB Level Translator in UCSP with USB Detect

MAX3341E Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3341E Datasheet PDF - Maxim Integrated Products

Part # MAX3341E
Download  MAX3341E Click to download

File Size   341.05 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description ±15kV ESD-Protected USB Level Translator in UCSP with USB Detect

MAX3341E Datasheet (HTML) - Maxim Integrated Products


MAX3341E Product details

General Description
The MAX3341E USB level translator converts logic-level signals to USB signals, and USB signals to logic-level signals. An internal 1.5kΩ USB termination resistor supports full-speed (12Mbps) USB operation. The MAX3341E provides built-in ±15kV ESD-protection circuitry on the USB I/O pins, D+ and D-, and VCC.

Features
♦ ±15kV ESD Protection On D+ and D-
♦ Complies with USB Standard 1.1 (Full Speed 2.0)
♦ USB Skew Independent of Input Skew
♦ Separate VP and VM Inputs/Outputs
♦ VL Down to 1.8V Allows Connection with LowVoltage ASICs
♦ Reenumerate with Power Applied
♦ USB Detect Function
♦ Allows Single-Ended or Differential Logic I/O
♦ Internal Linear Regulator Allows Direct Powering from the USB
♦ Internal Termination Resistor for Full-Speed Operation
♦ Three-State Outputs
♦ No Power-Supply Sequencing Required
♦ Driver Active in Suspend Mode
♦ Available in Miniature Chip-Scale Package

Applications
    Cell Phones
    PC Peripherals
    Information Appliances
    Data Cradles
    PDAs
    MP3 Players
    Digital Cameras




Similar Part No. - MAX3341E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX334 MAXIM-MAX334 Datasheet
126Kb / 4P
High Speed Quad SPST Analog Switch
MAX3344E MAXIM-MAX3344E Datasheet
406Kb / 15P
-5kV ESD-Protected USB Transceivers in UCSP with USB Detect
Rev 0; 2/04
MAX3344EEBE-T MAXIM-MAX3344EEBE-T Datasheet
406Kb / 15P
-5kV ESD-Protected USB Transceivers in UCSP with USB Detect
Rev 0; 2/04
MAX3344EEUE MAXIM-MAX3344EEUE Datasheet
406Kb / 15P
-5kV ESD-Protected USB Transceivers in UCSP with USB Detect
Rev 0; 2/04
MAX3345E MAXIM-MAX3345E Datasheet
406Kb / 15P
-5kV ESD-Protected USB Transceivers in UCSP with USB Detect
Rev 0; 2/04
More results


Similar Description - MAX3341E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3344E MAXIM-MAX3344E Datasheet
406Kb / 15P
-5kV ESD-Protected USB Transceivers in UCSP with USB Detect
Rev 0; 2/04
MAX3355E MAXIM-MAX3355E Datasheet
276Kb / 11P
/-15kV ESD-Protected USB On-the-Go Charge Pump and Comparators in UCSP
Rev 1; 8/03
MAX13481E MAXIM-MAX13481E Datasheet
289Kb / 19P
±15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors
Rev 2; 1/06
MAX3346E MAXIM-MAX3346E Datasheet
389Kb / 17P
±15kV ESD-Protected USB Transceiver in UCSP
Rev 0; 2/04
MAX3372E MAXIM-MAX3372E_07 Datasheet
490Kb / 31P
±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 2; 11/07
MAX3450E MAXIM-MAX3450E_08 Datasheet
210Kb / 14P
±15kV ESD-Protected USB Transceivers
Rev 2; 10/08
MAX3453E MAXIM-MAX3453E_06 Datasheet
325Kb / 19P
±15kV ESD-Protected USB Transceivers
Rev 4; 2/06
MAX3376EEKA MAXIM-MAX3376EEKA Datasheet
357Kb / 26P
±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3378EEBC MAXIM-MAX3378EEBC Datasheet
357Kb / 26P
±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3372E MAXIM-MAX3372E_14 Datasheet
357Kb / 26P
±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com