Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3346E Datasheet (PDF) - Maxim Integrated Products

MAX3346E Datasheet PDF - Maxim Integrated Products
Part # MAX3346E
Download  MAX3346E Download
File Size   389.1 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description ±15kV ESD-Protected USB Transceiver in UCSP

MAX3346E Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3346E Datasheet PDF - Maxim Integrated Products

Part # MAX3346E
Download  MAX3346E Click to download

File Size   389.1 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description ±15kV ESD-Protected USB Transceiver in UCSP

MAX3346E Datasheet (HTML) - Maxim Integrated Products


MAX3346E Product details

General Description
The MAX3346E bidirectional transceiver converts logiclevel signals to USB signals, and USB signals to logiclevel signals. The MAX3346E includes the 1.5kΩ USB pullup resistor internally, and supports both full-speed (12Mbps) and low-speed (1.5Mbps) USB operation. The device has built-in ±15kV ESD protection circuitry to guard the USB I/O pins, D+ and D-.

Features
♦ ±15kV ESD Protection on D+ and D-
♦ Internal Linear Regulator Allows Direct Powering
   from the USB Cable
♦ Internal 1.5kΩ Pullup Resistor for Low/Full-Speed
   Operation
♦ Supports Low-Speed and Full-Speed USB
   Communications
♦ Complies with USB Specification Revision 1.1 and
   2.0 (Low Speed and Full Speed)
♦ Three-State Outputs
♦ Enumerate Input—Allows USB Connection
   through Software
♦ No Power-Supply Sequencing Required
♦ Operates with VL of 1.65V to 3.6V, Ensuring
   Compatibility with Low-Voltage ASICs
♦ Available in Miniature Chip-Scale Package

Applications
   Cell Phones
   PC Peripherals
   Data Cradles
   PDAs
   MP3 Players




Similar Part No. - MAX3346E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX334 MAXIM-MAX334 Datasheet
126Kb / 4P
High Speed Quad SPST Analog Switch
MAX3341E MAXIM-MAX3341E Datasheet
341Kb / 15P
±15kV ESD-Protected USB Level Translator in UCSP with USB Detect
Rev 0; 4/02
MAX3341EEBE MAXIM-MAX3341EEBE Datasheet
341Kb / 15P
±15kV ESD-Protected USB Level Translator in UCSP with USB Detect
Rev 0; 4/02
MAX3341EEUD MAXIM-MAX3341EEUD Datasheet
341Kb / 15P
±15kV ESD-Protected USB Level Translator in UCSP with USB Detect
Rev 0; 4/02
MAX3344E MAXIM-MAX3344E Datasheet
406Kb / 15P
-5kV ESD-Protected USB Transceivers in UCSP with USB Detect
Rev 0; 2/04
More results


Similar Description - MAX3346E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3230E MAXIM-MAX3230E Datasheet
797Kb / 15P
15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 0; 5/04
MAX3344E MAXIM-MAX3344E Datasheet
406Kb / 15P
-5kV ESD-Protected USB Transceivers in UCSP with USB Detect
Rev 0; 2/04
MAX3355E MAXIM-MAX3355E Datasheet
276Kb / 11P
/-15kV ESD-Protected USB On-the-Go Charge Pump and Comparators in UCSP
Rev 1; 8/03
MAX3341E MAXIM-MAX3341E Datasheet
341Kb / 15P
±15kV ESD-Protected USB Level Translator in UCSP with USB Detect
Rev 0; 4/02
MAX3372E MAXIM-MAX3372E_07 Datasheet
490Kb / 31P
±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 2; 11/07
MAX3228E MAXIM-MAX3228E_08 Datasheet
182Kb / 16P
±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Rev 2; 10/08
MAX3230E MAXIM-MAX3230E_08 Datasheet
170Kb / 16P
±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Rev 1; 10/08
MAX3450E MAXIM-MAX3450E_08 Datasheet
210Kb / 14P
±15kV ESD-Protected USB Transceivers
Rev 2; 10/08
MAX3453E MAXIM-MAX3453E_06 Datasheet
325Kb / 19P
±15kV ESD-Protected USB Transceivers
Rev 4; 2/06
MAX3378EEBC MAXIM-MAX3378EEBC Datasheet
357Kb / 26P
±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com