Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YB1230 Datasheet (PDF) - YOBON TECHNOLOGIES,INC.

YB1230 Datasheet PDF - YOBON TECHNOLOGIES,INC.
Part # YB1230
Download  YB1230 Download
File Size   523.96 Kbytes
Page   10 Pages
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.
Description Low-Noise LDO Regulator

YB1230 Datasheet (PDF)

Go To PDF Page Download Datasheet
YB1230 Datasheet PDF - YOBON TECHNOLOGIES,INC.

Part # YB1230
Download  YB1230 Click to download

File Size   523.96 Kbytes
Page   10 Pages
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.
Description Low-Noise LDO Regulator

YB1230 Datasheet (HTML) - YOBON TECHNOLOGIES,INC.


YB1230 Product details

Description
The YB1230 is a series of low-noise, low dropout (LDO) linear regulators with 2.0% output voltage accuracy. The YB1230 regulators achieve a low 500mV dropout at 600mA load current of 3.1V output and are available in voltages ranging from 1.8V to 3.1 V with 0.1 V per step (custom voltage is considerable at request).

Features
■ 2.0% Accuracy Output Voltage
■ Output Voltage Range 1.8V ~ 3.1V
■ Low-Noise Low-Drop-Out
■ Stable with 2.2μF Ceramic Capacitor for Any Load
■ Typical Output Current : 600mA
■ Low Quiescent Current : ~90μA
■ 500mV Dropout at 600mA Load (3.1V)
■ Only Need Input and Output Capacitors
■ Power Saving Shutdown Mode (<1μA)
■ Thermal Protection Shutdown
■ Built-In Internal Soft-Start
■ Output Short-Circuit Current Limit Protection
■ Green package (RoHS) available

Applications
■ PDA, Palmtops and Notebook Computers
■ DSC, Handset Camera Modules
■ PCMCIA Cards, PC Cameras
■ USB Based Portable Devices (MP3, PMP)
■ GSM/GPRS/3G RF Transceiver Modules
■ Wireless LANs
■ Bluetooth Portable Radios




Similar Part No. - YB1230

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1230ST23X180 YOBON-YB1230ST23X180 Datasheet
360Kb / 11P
600mA, Low-Noise LDO Regulator
YB1230ST23X190 YOBON-YB1230ST23X190 Datasheet
360Kb / 11P
600mA, Low-Noise LDO Regulator
YB1230ST23X200 YOBON-YB1230ST23X200 Datasheet
360Kb / 11P
600mA, Low-Noise LDO Regulator
YB1230ST23X210 YOBON-YB1230ST23X210 Datasheet
360Kb / 11P
600mA, Low-Noise LDO Regulator
YB1230ST23X220 YOBON-YB1230ST23X220 Datasheet
360Kb / 11P
600mA, Low-Noise LDO Regulator
More results


Similar Description - YB1230

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1111N RICOH-R1111N Datasheet
140Kb / 16P
LOW NOISE 150mA LDO REGULATOR?
Rev.1.11
logo
Micrel Semiconductor
MIC5206 MICREL-MIC5206 Datasheet
73Kb / 8P
150mA Low-Noise LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL8555 BELLING-BL8555 Datasheet
1Mb / 9P
Low noise 150mA LDO regulator
logo
RICOH electronics devic...
RP103X RICOH-RP103X Datasheet
411Kb / 29P
LOW NOISE 150mA LDO REGULATOR
logo
YOBON TECHNOLOGIES,INC.
YB1231 YOBON-YB1231 Datasheet
522Kb / 10P
Low-Noise LDO Regulator
logo
ACE Technology Co., LTD...
ACE505 ACE-ACE505 Datasheet
231Kb / 9P
Low noise 150mA LDO regulator
VER 1.5
logo
Unisonic Technologies
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
LOW NOISE 200mA LDO REGULATOR
LR9102 UTC-LR9102 Datasheet
166Kb / 4P
LOW NOISE 300mA LDO REGULATOR
logo
E-Tech Electronics LTD
LR1102 ETL-LR1102 Datasheet
490Kb / 12P
LOW NOISE 150mA LDO REGULATOR
logo
ON Semiconductor
FAN25800 ONSEMI-FAN25800 Datasheet
1Mb / 11P
Low-Noise, LDO Regulator
Rev. 1.5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com