Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5206 Datasheet (PDF) - Micrel Semiconductor

MIC5206 Datasheet PDF - Micrel Semiconductor
Part # MIC5206
Download  MIC5206 Download
File Size   73.04 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 150mA Low-Noise LDO Regulator

MIC5206 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5206 Datasheet PDF - Micrel Semiconductor

Part # MIC5206
Download  MIC5206 Click to download

File Size   73.04 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 150mA Low-Noise LDO Regulator

MIC5206 Datasheet (HTML) - Micrel Semiconductor


MIC5206 Product details

General Description
The MIC5206 is an efficient linear voltage regulator with very low dropout voltage (typically 17mV at light loads and 165mV at 150mA), and very low ground current (600µA at 100mA output), with better than 1% initial accuracy. It has a logic compatible enable/shutdown control input and an internal undervoltage monitor.
Designed especially for hand-held, battery-powered devices, the MIC5206 can be switched by a CMOS or TTL compatible logic signal. When disabled, power consumption drops nearly to zero. Dropout ground current is minimized to prolong battery life.
Key features include an undervoltage monitor with an error flag output, a reference bypass pin to improve its already low-noise performance (8-pin versions only), reversed battery protection, current limiting, and overtemperature shutdown.
The MIC5206 is available in several fixed voltages in a tiny SOT-23-5 package. It features a pinout, similar to the LP2980, but has significantly better performance. Fixed and adjustable output voltage versions, featuring the reference bypass option, are available in the 8-pin Micrel Mini 8™ 8-pin MSOP (micro small-outline package).
For low-dropout regulators that are stable with ceramic output capacitors, see the µCap MIC5245/6/7 family.
Data sheets and support documentation can be found on Micrel’s web site at www.micrel.com.

Features
• Error flag indicates undervoltage fault
• High output voltage accuracy
• Guaranteed 150mA output
• Ultra-low-noise output (8-pin versions)
• Low quiescent current
• Low dropout voltage
• Extremely tight load and line regulation
• Very low temperature coefficient
• Current and thermal limiting
• Reversed-battery protection
• “Zero” off-mode current
• Logic-controlled electronic enable

Applications
• Cellular telephones
• Laptop, notebook, and palmtop computers
• Battery-powered equipment
• PCMCIA VCC and VPP regulation/switching
• Consumer/personal electronics
• SMPS post-regulator/dc-to-dc modules
• High-efficiency linear power supplies




Similar Part No. - MIC5206

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5206-2.5BM5 MICREL-MIC5206-2.5BM5 Datasheet
253Kb / 11P
150mA Low-Noise LDO Regulator
MIC5206-2.5YM5 MICREL-MIC5206-2.5YM5 Datasheet
253Kb / 11P
150mA Low-Noise LDO Regulator
MIC5206-2.7BM5 MICREL-MIC5206-2.7BM5 Datasheet
253Kb / 11P
150mA Low-Noise LDO Regulator
MIC5206-2.7YM5 MICREL-MIC5206-2.7YM5 Datasheet
253Kb / 11P
150mA Low-Noise LDO Regulator
MIC5206-3.0BM5 MICREL-MIC5206-3.0BM5 Datasheet
253Kb / 11P
150mA Low-Noise LDO Regulator
More results


Similar Description - MIC5206

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
LOW NOISE 150mA LDO REGULATOR???
Rev. 1.11
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
LOW NOISE 150mA LDO REGULATOR
April 1, 2012
RP130X RICOH-RP130X Datasheet
510Kb / 32P
LOW NOISE 150mA LDO REGULATOR
April 1, 2012
logo
Unisonic Technologies
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
LOW NOISE 150mA LDO REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com