Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5206 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5206
Description  150mA Low-Noise LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5206 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5206 Datasheet HTML 1Page - Micrel Semiconductor MIC5206 Datasheet HTML 2Page - Micrel Semiconductor MIC5206 Datasheet HTML 3Page - Micrel Semiconductor MIC5206 Datasheet HTML 4Page - Micrel Semiconductor MIC5206 Datasheet HTML 5Page - Micrel Semiconductor MIC5206 Datasheet HTML 6Page - Micrel Semiconductor MIC5206 Datasheet HTML 7Page - Micrel Semiconductor MIC5206 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MIC5206
Micrel
January 2000
1
MIC5206
General Description
The MIC5206 is an efficient linear voltage regulator with very
low dropout voltage (typically 17mV at light loads and 165mV
at 150mA), and very low ground current (600
µA at 100mA
output), with better than 1% initial accuracy. It has a logic
compatible enable/shutdown control input and an internal
undervoltage monitor.
Designed especially for hand-held, battery-powered devices,
the MIC5206 can be switched by a CMOS or TTL compatible
logic signal.
When disabled, power consumption drops
nearly to zero.
Dropout ground current is minimized to
prolong battery life.
Key features include an undervoltage monitor with an error
flag output, a reference bypass pin to improve its already low-
noise performance (8-lead versions only), reversed-battery
protection, current limiting, and overtemperature shutdown.
The MIC5206 is available in several fixed voltages in a tiny
SOT-23-5 package. It features a pinout, similar to the LP2980,
but has significantly better performance. Fixed and adjust-
able output voltage versions, featuring the reference bypass
option, are available in the 8-lead Micrel Mini 8™ 8-lead
MSOP (micro small-outline package).
For low-dropout regulators that are stable with ceramic
output capacitors, see the
µCap MIC5245/6/7 family.
15
2
34
COUT
1µF tantalum
Enable
Shutdown
VOUT
MIC5206-x.xBM5
Enable (pin 3) may be
connected directly to
Supply Input (pin 1).
VIN
100k
Flag Output
(optional)
Typical Applications
1
2
3
4
8
7
6
5
1µF
VOUT
Flag Output
(optional)
47k
R1
R2
MIC5206BMM
VIN
Enable (pin 7) may be
connected directly to
Supply Input (pin 8).
Enable
Shutdown
tantalum
SOT-23-5 Fixed Voltage Application
Adjustable Voltage Application
MIC5206
150mA Low-Noise LDO Regulator
Features
• Error flag indicates undervoltage fault
• High output voltage accuracy
• Guaranteed 150mA output
• Ultra-low-noise output (8-lead versions)
• Low quiescent current
• Low dropout voltage
• Extremely tight load and line regulation
• Very low temperature coefficient
• Current and thermal limiting
• Reversed-battery protection
•“Zero” off-mode current
• Logic-controlled electronic enable
Applications
• Cellular telephones
• Laptop, notebook, and palmtop computers
• Battery-powered equipment
• PCMCIA V
CC and VPP regulation/switching
• Consumer/personal electronics
• SMPS post-regulator/dc-to-dc modules
• High-efficiency linear power supplies
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
Micrel Mini 8™ is a trademark of Micrel, Inc.


Similar Part No. - MIC5206

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5206-2.5BM5 MICREL-MIC5206-2.5BM5 Datasheet
253Kb / 11P
150mA Low-Noise LDO Regulator
MIC5206-2.5YM5 MICREL-MIC5206-2.5YM5 Datasheet
253Kb / 11P
150mA Low-Noise LDO Regulator
MIC5206-2.7BM5 MICREL-MIC5206-2.7BM5 Datasheet
253Kb / 11P
150mA Low-Noise LDO Regulator
MIC5206-2.7YM5 MICREL-MIC5206-2.7YM5 Datasheet
253Kb / 11P
150mA Low-Noise LDO Regulator
MIC5206-3.0BM5 MICREL-MIC5206-3.0BM5 Datasheet
253Kb / 11P
150mA Low-Noise LDO Regulator
More results

Similar Description - MIC5206

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
LOW NOISE 150mA LDO REGULATOR???
Rev. 1.11
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
LOW NOISE 150mA LDO REGULATOR
April 1, 2012
RP130X RICOH-RP130X Datasheet
510Kb / 32P
LOW NOISE 150mA LDO REGULATOR
April 1, 2012
logo
Unisonic Technologies
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com