Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5206 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC5206
Description  150mA Low-Noise LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5206 Datasheet(HTML) 7 Page - Micrel Semiconductor

  MIC5206 Datasheet HTML 1Page - Micrel Semiconductor MIC5206 Datasheet HTML 2Page - Micrel Semiconductor MIC5206 Datasheet HTML 3Page - Micrel Semiconductor MIC5206 Datasheet HTML 4Page - Micrel Semiconductor MIC5206 Datasheet HTML 5Page - Micrel Semiconductor MIC5206 Datasheet HTML 6Page - Micrel Semiconductor MIC5206 Datasheet HTML 7Page - Micrel Semiconductor MIC5206 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MIC5206
Micrel
January 2000
7
MIC5206
Resistor values are not critical because ADJ (adjust) has a
high input impedance, but for best results use resistors of
470k
Ω or less. A capacitor from ADJ to ground provides
greatly improved noise performance.
1
2
3
4
8
7
6
5
2.2µF
VOUT
Flag Output
(optional)
47k
R1
R2
MIC5206BMM
VIN
CBYP
470pF
ADJ
Figure 3. Ultra-Low-Noise
Adjustable Voltage Application
Figure 3 also includes a 470pF capacitor for lowest-noise
operation and shows EN (pin 7) connected to IN (pin 8) for an
application where enable/shutdown is not required. C
OUT =
2.2
µF minimum. The error flag is shown with a 47kΩ pullup
resistor.
Thermal Considerations
Layout
The MIC5206-x.xBM5 (5-lead SOT-23 package) has the
following thermal characteristics when mounted on a single
layer copper-clad printed circuit board.
Multilayer boards having a ground plane, wide traces near the
pads, and large supply bus lines provide better thermal
conductivity.
PC Board
θθθθθ
JA
Dielectric
FR4
220
°C/W
Ceramic
200
°C/W
SOT-23-5 Thermal Characteristics
The “worst case” value of 220
°C/W assumes no ground
plane, minimum trace widths, and a FR4 material board.
The MIC5206-xxBMM (8-lead MSOP) has a thermal resis-
tance of 200
°C/W when mounted on a FR4 board with
minimum trace widths and no ground plane.
PC Board
θθθθθ
JA
Dielectric
FR4
200
°C
MSOP Thermal Characteristics
Nominal Power Dissipation and Die Temperature
The MIC5206-x.xBM5 at a 25
°C ambient temperature will
operate reliably at over 450mW power dissipation when
mounted in the “worst case” manner described above. At an
ambient temperature of 40
°C, the device may safely dissi-
pate over 380mW. These power levels are equivalent to a die
temperature of 125
°C, the maximum operating junction tem-
perature for the MIC5206.
For additional heat sink characteristics, please refer to Micrel
Application Hint 17, “Calculating P.C. Board Heat Sink Area
For Surface Mount Packages”.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com