Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5206 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5206
Description  150mA Low-Noise LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5206 Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC5206 Datasheet HTML 1Page - Micrel Semiconductor MIC5206 Datasheet HTML 2Page - Micrel Semiconductor MIC5206 Datasheet HTML 3Page - Micrel Semiconductor MIC5206 Datasheet HTML 4Page - Micrel Semiconductor MIC5206 Datasheet HTML 5Page - Micrel Semiconductor MIC5206 Datasheet HTML 6Page - Micrel Semiconductor MIC5206 Datasheet HTML 7Page - Micrel Semiconductor MIC5206 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MIC5206
Micrel
MIC5206
6
January 2000
Applications Information
Enable/Shutdown
Forcing EN (enable/shutdown) high (> 2V) enables the regu-
lator. EN is compatible with CMOS logic gates.
If the enable/shutdown feature is not required, connect EN
(enable) to IN (supply input). Refer to the text with Figures 1a
and 2.
Input Capacitor
A 1
µF capacitor should be placed from IN to GND if there is
more than 10 inches of wire between the input and the ac filter
capacitor or if a battery is used as the input.
Reference Bypass Capacitor
BYP (reference bypass) is connected to the internal voltage
reference. A 470pF capacitor (C
BYP) connected from BYP to
GND quiets this reference, providing a significant reduction in
output noise. See Figure 2. C
BYP reduces the regulator phase
margin; when using C
BYP, output capacitors of 2.2µF or
greater are generally required to maintain stability.
The start-up speed of the MIC5206 is inversely proportional
to the size of the reference bypass capacitor. Applications
requiring a slow ramp-up of output voltage should consider
larger values of C
BYP. Likewise, if rapid turn-on is necessary,
consider omitting C
BYP.
If output noise is not a major concern, omit C
BYP and leave
BYP open.
Output Capacitor
An output capacitor is required between OUT and GND to
prevent oscillation. The minimum size of the output capacitor
is dependent upon whether a reference bypass capacitor is
used. 1.0
µF minimum is recommended when C
BYP is not
used (see Figure 2). 2.2
µF minimum is recommended when
C
BYP is 470pF (see Figure 2). Larger values improve the
regulator’s transient response. The output capacitor value
may be increased without limit.
The output capacitor should have an ESR (effective series
resistance) of about 5
Ω or less and a resonant frequency
above 1MHz. Most tantalum or aluminum electrolytic capaci-
tors are adequate; film types will work, but are more expen-
sive. Since many aluminum electrolytics have electrolytes
that freeze at about –30
°C, solid tantalums are recom-
mended for operation below –25
°C.
At lower values of output current, less output capacitance is
required for output stability. The capacitor can be reduced to
0.47
µF for current below 10mA or 0.33µF for currents below
1mA.
No-Load Stability
The MIC5205 will remain stable and in regulation with no load
(other than the internal voltage divider) unlike many other
voltage regulators. This is especially important in CMOS
RAM keep-alive applications.
Error Flag Ouput
The error flag is an open-collector output and is active (low)
when an undervoltage of approximately 5% below the nomi-
nal output voltage is detected. A pullup resistor from IN to
FLAG is shown in all schematics.
If an error indication is not required, FLAG may be left open
and the pullup resistor may be omitted.
Enable Pin Ramp and the Error Flag
To prevent indeterminate behavior on the error flag during
power down of the device, ensure that the fall time of the
enable pin signal, from logic high to logic low, is faster than
100
µs.
Fixed Regulator Applications
15
2
34
COUT
1µF
VOUT
MIC5206-x.xBM5
EN (pin 3) may be
connected directly
to IN (pin 1).
VIN
100k
Error Flag
Figure 1a. Low-Noise Fixed Voltage Application
EN (pin 3) is shown connected to IN (pin 1) for an application
where enable/shutdown is not required. The error flag is
shown with a 100k
Ω pullup resistor.
1
2
3
4
8
7
6
5
1µF
VOUT
Flag Output
(optional)
Enable
MIC5206-x.xBMM
VIN
47k
Figure 1b. Low-Noise Fixed Voltage Application
Figure 1b is an example of a basic configuration where the
lowest-noise operation is not required. C
OUT = 1µF minimum.
The error flag is shown with a 47k
Ω pullup resistor.
Ultra-Low-Noise Application
1
2
3
4
8
7
6
5
2.2µF
VOUT
Flag Output
(optional)
47k
MIC5206-x.xBMM
VIN
CBYP
470pF
BYP
Figure 2. Ultra-Low-Noise Fixed Voltage Application
Figure 2 includes a 470pF capacitor for low-noise operation
and shows EN (pin 7) connected to IN (pin 8) for an applica-
tion where enable/shutdown is not required. The error flag is
shown with a 47k
Ω pullup resistor.
Adjustable Regulator Applications
Figure 3 shows the MIC5206BMM adjustable output voltage
configuration. Two resistors set the output voltage. The
formula for output voltage is:
V
= 1.242V
R2
R1
1
OUT
×+





Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com