Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5206 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5206
Description  150mA Low-Noise LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5206 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5206 Datasheet HTML 1Page - Micrel Semiconductor MIC5206 Datasheet HTML 2Page - Micrel Semiconductor MIC5206 Datasheet HTML 3Page - Micrel Semiconductor MIC5206 Datasheet HTML 4Page - Micrel Semiconductor MIC5206 Datasheet HTML 5Page - Micrel Semiconductor MIC5206 Datasheet HTML 6Page - Micrel Semiconductor MIC5206 Datasheet HTML 7Page - Micrel Semiconductor MIC5206 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MIC5206
Micrel
January 2000
3
MIC5206
Absolute Maximum Ratings (Note 1)
Supply Input Voltage (V
IN) ............................ –20V to +20V
Enable Input Voltage (V
EN) ........................... –20V to +20V
Power Dissipation (P
D) ............... Internally Limited, Note 3
Junction Temperature (T
J) ....................... –40°C to +125°C
Lead Temperature (Soldering, 5 sec.) ...................... 260
°C
Electrical Characteristics
V
IN = VOUT + 1V; IL = 100µA; CL = 1.0µF; VEN ≥ 2.0V; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C; unless noted.
Symbol
Parameter
Conditions
Min
Typical
Max
Units
V
O
Output Voltage Accuracy
variation from nominal V
OUT
–11
%
–22
%
∆V
O/∆T
Output Voltage
Note 4
40
ppm/
°C
Temperature Coefficient
∆V
O/VO
Line Regulation
V
IN = VOUT + 1V to 16V
0.004
0.012
% / V
∆V
O/VO
Load Regulation
I
L = 0.1mA to 150mA, Note 5
0.02
0.2
%
V
IN – VO
Dropout Voltage, Note 6
I
L = 100µA17
50
mV
70
mV
I
L = 50mA
110
150
mV
230
mV
I
L = 100mA
140
250
mV
300
mV
I
L = 150mA
165
275
mV
350
mV
I
GND
Quiescent Current
V
EN ≤ 0.4V (shutdown)
0.01
1
µA
V
EN ≤ 0.18V (shutdown)
5
µA
I
GND
Ground Pin Current, Note 7
V
EN ≥ 2.0V, IL = 100µA80
125
µA
150
µA
I
L = 50mA
350
600
µA
800
µA
I
L = 100mA
600
1000
µA
1500
µA
I
L = 150mA
1300
1900
µA
2500
µA
PSRR
Ripple Rejection
75
dB
I
LIMIT
Current Limit
V
OUT = 0V
320
500
mA
∆V
O/∆PD
Thermal Regulation
Note 8
0.05
%/W
e
no
Output Noise
I
L = 50mA, CL = 4.7µF, 470pF from BYP
260
nV Hz
to GND (MM package only)
Enable Input
V
IL
Enable Input Logic-Low Voltage
regulator shutdown
0.4
V
0.18
V
V
IH
Enable Input Logic-High Voltage
regulator enabled
2.0
V
I
IL
Enable Input Current
V
IL ≤ 0.4V
0.01
–1
µA
V
IL ≤ 0.18V
–2
µA
I
IH
V
IH ≥ 2.0V
5
20
µA
V
IH ≥ 2.0V
25
µA
Error Flag Output
V
ERR
Flag Threshold
undervoltage condition (below nominal)
–2
–6
–10
%
Note 9
V
OL
Output Logic-Low Voltage
I
L = 1mA, undervoltage condition
0.2
0.4
V
I
FL
Flag Leakage Current
flag off, V
FLAG = 0V to 16V
–1
0.1
+1
µA
Operating Ratings (Note 2)
Supply Input Voltage (V
IN) ........................... +2.5V to +16V
Enable Input Voltage (V
EN) .................................. 0V to VIN
Junction Temperature (T
J) ....................... –40°C to +125°C
SOT-23-5 (
θ
JA) ......................................................... Note 3
8-lead MSOP (
θ
JA) ................................................... Note 3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com