Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5206 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5206
Description  150mA Low-Noise LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5206 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5206 Datasheet HTML 1Page - Micrel Semiconductor MIC5206 Datasheet HTML 2Page - Micrel Semiconductor MIC5206 Datasheet HTML 3Page - Micrel Semiconductor MIC5206 Datasheet HTML 4Page - Micrel Semiconductor MIC5206 Datasheet HTML 5Page - Micrel Semiconductor MIC5206 Datasheet HTML 6Page - Micrel Semiconductor MIC5206 Datasheet HTML 7Page - Micrel Semiconductor MIC5206 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MIC5206
Micrel
MIC5206
2
January 2000
Pin Configuration
Ordering Information
Part Number
Marking
Volts
Accuracy
Junction Temp. Range
Package
MIC5206-2.5BM5
LD25
2.5
1%
–40
°C to +125°C
SOT-23-5
MIC5206-2.7BM5
LD27
2.7
1%
–40
°C to +125°C
SOT-23-5
MIC5206-3.0BM5
LD30
3.0
1%
–40
°C to +125°C
SOT-23-5
MIC5206-3.2BM5
LD32
3.2
1%
–40
°C to +125°C
SOT-23-5
MIC5206-3.3BM5
LD33
3.3
1%
–40
°C to +125°C
SOT-23-5
MIC5206-3.6BM5
LD36
3.6
1%
–40
°C to +125°C
SOT-23-5
MIC5206-3.8BM5
LD38
3.8
1%
–40
°C to +125°C
SOT-23-5
MIC5206-4.0BM5
LD40
4.0
1%
–40
°C to +125°C
SOT-23-5
MIC5206-5.0BM5
LD50
5.0
1%
–40
°C to +125°C
SOT-23-5
MIC5206BMM
—
Adj
1%
–40
°C to +125°C
8-lead MSOP
MIC5206-3.0BMM
—
3.0
1%
–40
°C to +125°C
8-lead MSOP
MIC5206-3.3BMM
—
3.3
1%
–40
°C to +125°C
8-lead MSOP
MIC5206-3.6BMM
—
3.6
1%
–40
°C to +125°C
8-lead MSOP
MIC5206-3.8BMM
—
3.8
1%
–40
°C to +125°C
8-lead MSOP
MIC5206-4.0BMM
—
4.0
1%
–40
°C to +125°C
8-lead MSOP
MIC5206-5.0BMM
—
5.0
1%
–40
°C to +125°C
8-lead MSOP
Other voltages available. Contact Micrel for details.
Pin Description
MIC5206
MIC5206
Pin Name
Pin Function
SOT-23-5
MSOP-8
1
8
IN
Supply Input
2
4, 6
GND
Ground
3
7
EN
Enable/Shutdown (Input): CMOS compatible input. Logic high = enable,
logic low or open = shutdown. Do not leave floating.
4
3
FLAG
Error Flag (Output): Open-collector output. Active low indicates an ouput
undervoltage condition.
5 (fixed)
BYP
Reference Bypass: Connect external 470pF capacitor to GND to reduce
output noise. May be left open.
5 (adj.)
ADJ
Adjust (Input): Adjustable regulator feedback input. Connect to resistor
voltage divider.
5
1,2
OUT
Regulator Output
IN
OUT
FLAG
EN
LDxx
1
3
45
2
GND
1
2
3
4
8
7
6
5
IN
EN
GND
ADJ
OUT
OUT
FLAG
GND
1
2
3
4
8
7
6
5
IN
EN
GND
BYP
OUT
OUT
FLAG
GND
MIC5206-xxBM5
(Fixed Output Voltage)
MIC5206-x.xBMM
(Fixed Output Voltage)
MIC5206BMM
(Adjustable Ouput Voltage)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com