Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD400CLX65C2S Datasheet (PDF) - StarPower Europe AG

GD400CLX65C2S Datasheet PDF - StarPower Europe AG
Part # GD400CLX65C2S
Download  GD400CLX65C2S Download
File Size   415.13 Kbytes
Page   9 Pages
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG
Description 650V/400A chopper in one package

GD400CLX65C2S Datasheet (PDF)

Go To PDF Page Download Datasheet
GD400CLX65C2S Datasheet PDF - StarPower Europe AG

Part # GD400CLX65C2S
Download  GD400CLX65C2S Click to download

File Size   415.13 Kbytes
Page   9 Pages
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG
Description 650V/400A chopper in one package

GD400CLX65C2S Datasheet (HTML) - StarPower Europe AG


GD400CLX65C2S Product details

General Description
STARPOWER IGBT Power Module provides ultra low conduction loss as well as short circuit ruggedness. They are designed for the applications such as inductive heating.

Features
 Low VCE(sat) Trench IGBT technology
 6μs short circuit capability
 VCE(sat) with positive temperature coefficient
 Maximum junction temperature 175oC
 Low inductance case
 Fast & soft reverse recovery anti parallel FWD
 Isolated copper baseplate using DBC technology

Typical Applications
 Switching mode power supply
 Inductive heating
 Electronic welder




Similar Part No. - GD400CLX65C2S

ManufacturerPart #DatasheetDescription
logo
StarPower Europe AG
GD400CLY120C2S STARPOWER-GD400CLY120C2S Datasheet
161Kb / 9P
1200V/400A chopper in one-package
5/5/2018
More results


Similar Description - GD400CLX65C2S

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
1MBI400S-120 FUJI-1MBI400S-120 Datasheet
365Kb / 4P
1200V / 400A 1 in one-package IGBT Module
logo
List of Unclassifed Man...
2MBI400U2B-060 ETC2-2MBI400U2B-060 Datasheet
104Kb / 4P
IGBT Module U-Series 600V / 400A 2 in one-package
logo
Fuji Electric
1MBI400HH-120L-50 FUJI-1MBI400HH-120L-50 Datasheet
502Kb / 7P
IGBT MODULE 1200V / 400A / 1 in one package
1MBI400V-120-50 FUJI-1MBI400V-120-50 Datasheet
459Kb / 7P
IGBT MODULE (V series) 1200V / 400A / 1 in one package
2MBI400VD-060-50 FUJI-2MBI400VD-060-50 Datasheet
416Kb / 6P
IGBT MODULE (V series) 600V / 400A / 2 in one package
2MBI400VD-120-50 FUJI-2MBI400VD-120-50 Datasheet
422Kb / 6P
IGBT MODULE (V series) 1200V / 400A / 2 in one package
2MBI400VB-060-50 FUJI-2MBI400VB-060-50 Datasheet
417Kb / 6P
IGBT MODULE (V series) 600V / 400A / 2 in one package
logo
KEC(Korea Electronics)
GM400HB06CT KEC-GM400HB06CT Datasheet
421Kb / 3P
600V/400A 2 IN ONE PACKAGE
logo
Schneider Electric
RU3040D400CL SCHNEIDER-RU3040D400CL Datasheet
100Kb / 2P
ALL-IN-ONE RINGLESS UG 400A
Mar 30, 2020
RU3040D400CLX SCHNEIDER-RU3040D400CLX Datasheet
103Kb / 2P
ALL-IN-ONE RINGLESS UG 400A
Mar 30, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com