Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD400CLY120C2S Datasheet (PDF) - StarPower Europe AG

GD400CLY120C2S Datasheet PDF - StarPower Europe AG
Part # GD400CLY120C2S
Download  GD400CLY120C2S Download
File Size   161.89 Kbytes
Page   9 Pages
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG
Description 1200V/400A chopper in one-package

GD400CLY120C2S Datasheet (PDF)

Go To PDF Page Download Datasheet
GD400CLY120C2S Datasheet PDF - StarPower Europe AG

Part # GD400CLY120C2S
Download  GD400CLY120C2S Click to download

File Size   161.89 Kbytes
Page   9 Pages
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG
Description 1200V/400A chopper in one-package

GD400CLY120C2S Datasheet (HTML) - StarPower Europe AG


GD400CLY120C2S Product details

General Description
STARPOWER IGBT Power Module provides ultra low conduction loss as well as short circuit ruggedness. They are designed for the applications such as general inverters and UPS.

Features
 Low VCE(sat) Trench IGBT technology
 10μs short circuit capability
 VCE(sat) with positive temperature coefficient
 Maximum junction temperature 175oC
 Low inductance case
 Fast & soft reverse recovery anti-parallel FWD
 Isolated copper baseplate using DBC technology

Typical Applications
 Inverter for motor drive
 AC and DC servo drive amplifier
 Uninterruptible power supply




Similar Part No. - GD400CLY120C2S

ManufacturerPart #DatasheetDescription
logo
StarPower Europe AG
GD400CLX65C2S STARPOWER-GD400CLX65C2S Datasheet
415Kb / 9P
650V/400A chopper in one package
11/27/2023
More results


Similar Description - GD400CLY120C2S

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PCHMB400B12 NIEC-PCHMB400B12 Datasheet
121Kb / 3P
IGBT MODULE Chopper 400A 1200V
PCHMB400B12A NIEC-PCHMB400B12A Datasheet
121Kb / 3P
IGBT MODULE Chopper 400A 1200V
PRHMB400B12 NIEC-PRHMB400B12 Datasheet
121Kb / 3P
IGBT MODULE Chopper 400A 1200V
PRHMB400B12A NIEC-PRHMB400B12A Datasheet
121Kb / 3P
IGBT MODULE Chopper 400A 1200V
logo
Fuji Electric
1MBI400S-120 FUJI-1MBI400S-120 Datasheet
365Kb / 4P
1200V / 400A 1 in one-package IGBT Module
logo
List of Unclassifed Man...
2MBI200S-120 ETC2-2MBI200S-120 Datasheet
499Kb / 4P
1200V / 200A 2 in one-package
logo
Fuji Electric
1MBI400HH-120L-50 FUJI-1MBI400HH-120L-50 Datasheet
502Kb / 7P
IGBT MODULE 1200V / 400A / 1 in one package
1MBI400V-120-50 FUJI-1MBI400V-120-50 Datasheet
459Kb / 7P
IGBT MODULE (V series) 1200V / 400A / 1 in one package
2MBI400VD-120-50 FUJI-2MBI400VD-120-50 Datasheet
422Kb / 6P
IGBT MODULE (V series) 1200V / 400A / 2 in one package
logo
KEC(Korea Electronics)
GM400HB06CT KEC-GM400HB06CT Datasheet
421Kb / 3P
600V/400A 2 IN ONE PACKAGE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com