Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5036C1 Datasheet (PDF) - Nippon Precision Circuits Inc

CF5036C1 Datasheet PDF - Nippon Precision Circuits Inc
Part # CF5036C1
Download  CF5036C1 Download
File Size   95.77 Kbytes
Page   10 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description 2.5V LVPECL Output Oscillator ICs

CF5036C1 Datasheet (PDF)

Go To PDF Page Download Datasheet
CF5036C1 Datasheet PDF - Nippon Precision Circuits Inc

Part # CF5036C1
Download  CF5036C1 Click to download

File Size   95.77 Kbytes
Page   10 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description 2.5V LVPECL Output Oscillator ICs

CF5036C1 Datasheet (HTML) - Nippon Precision Circuits Inc


CF5036C1 Product details

OVERVIEW
The CF5036 series are 2.5V operation, differential PECL output oscillator ICs. They support 50MHz to 250MHz 3rd overtone oscillation and 50MHz to 700MHz fundamental oscillation. The devices are fabricated using a proprietary BiCMOS process, enabling a high-frequency oscillator circuit and differential LVPECL output buffer to be incorporated on a single chip. The CF5036 series can be used to construct high-frequency PECL output oscillators.

FEATURES
■ 2.375 to 3.6V operating supply voltage range
■ Operating frequency range (varies with version)
    • 50MHz to 700MHz fundamental oscillation
    • 50MHz to 250MHz 3rd overtone oscillation
■ – 40 to 85°C operating temperature range
■ Differential LVPECL output
■ 50Ω output load (terminated to VCC – 2V)
■ Standby function
    • Outputs are high impedance when OE is LOW. (oscillator stops)
■ Power-saving pull-up resistor built-in (pin OE)
■ BiCMOS process
■ Chip form (CF5036××)




Similar Part No. - CF5036C1

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5034 NPC-CF5034 Datasheet
78Kb / 6P
350MHz PECL-output Oscillator ICs
CF5034AA NPC-CF5034AA Datasheet
78Kb / 6P
350MHz PECL-output Oscillator ICs
CF5034AA-1 NPC-CF5034AA-1 Datasheet
78Kb / 6P
350MHz PECL-output Oscillator ICs
CF5034AB NPC-CF5034AB Datasheet
78Kb / 6P
350MHz PECL-output Oscillator ICs
CF5034AB-1 NPC-CF5034AB-1 Datasheet
78Kb / 6P
350MHz PECL-output Oscillator ICs
More results


Similar Description - CF5036C1

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5037 NPC-CF5037 Datasheet
94Kb / 10P
2.5V LVDS Output Oscillator ICs
logo
Fox Electronics
FXO_PC52 FOX-FXO_PC52 Datasheet
344Kb / 15P
LVPECL 5 x 3.2mm 2.5V Oscillator
FXO-PC52 FOX-FXO-PC52 Datasheet
344Kb / 15P
LVPECL 5 x 3.2mm 2.5V Oscillator
logo
List of Unclassifed Man...
CHEZ-A5BP ETC2-CHEZ-A5BP Datasheet
52Kb / 1P
LVPECL Oscillator LVPECL Output
logo
EUROQUARTZ limited
EQXP-PC52 EUROQUARTZ-EQXP-PC52 Datasheet
165Kb / 1P
LVPECL 5x3.2mm 2.5V OSCILLATOR
EQXP-PC72 EUROQUARTZ-EQXP-PC72 Datasheet
164Kb / 1P
LVPECL 7x5mm 2.5V OSCILLATOR
logo
Nippon Precision Circui...
5036 NPC-5036 Datasheet
113Kb / 11P
2.5V LV-PECL Output Oscillator ICs
5037 NPC-5037 Datasheet
113Kb / 11P
2.5V LVDS Output Oscillator ICs
5087 NPC-5087 Datasheet
511Kb / 15P
LVDS Output Oscillator ICs
logo
Integrated Device Techn...
8SLVP2102 IDT-8SLVP2102 Datasheet
628Kb / 23P
2.5V LVPECL Output Fanout Buffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com