Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5819AF Datasheet (PDF) - Nippon Precision Circuits Inc

SM5819AF Datasheet PDF - Nippon Precision Circuits Inc
Part # SM5819AF
Download  SM5819AF Download
File Size   253.67 Kbytes
Page   18 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description 6-channel DSD-PCM Converter

SM5819AF Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5819AF Datasheet PDF - Nippon Precision Circuits Inc

Part # SM5819AF
Download  SM5819AF Click to download

File Size   253.67 Kbytes
Page   18 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description 6-channel DSD-PCM Converter

SM5819AF Datasheet (HTML) - Nippon Precision Circuits Inc


SM5819AF Product details

OVERVIEW
The SM5819AF is a 6-channel DSD data (64fs) to 4fs, 2fs or fs PCM data converter. During conversion, decimation filtering is performed using a filter with selectable fixed coefficients (3 sets). Also, DSD inputs and PCM outputs are available for use in master/slave clock mode operation, in a wide range of system configurations, making it easy to construct a multi-channel DSD/PCM reproduction system.

FEATURES
■ 512fs (22.5792MHz, fs = 44.1kHz), 1:2 to 2:1 duty master clock
■ DSD input and PCM output clock master/slave switching
■ 3-system external data input (3-wire format), PCM output data/BCK/LRCK external input and internal filter output switching (BCK and LRCK are common to all 3 external PCM data inputs)
■ Decimation filter coefficients • Fixed coefficients: 4fs-1/2fs-1/fs-1
■ PCM output mute operation
■ PCM output format: [MSB-first left-justified 32- bit] or [IIS 32-bit] (IIS 32-bit output bit clock frequency = 64 × word clock frequency)
■ FIR filter coefficients • 64fs → 4fs/2fs/fs: 480th-order (6-channel) • ROM coefficients: 24 valid data bits (4-bit MSB extension at 4fs, 5-bit MSB extension at 2fs/fs)
■ + 6dB DSD gain switching function
■ External/Internal system clock output switching
■ 3.3V (3.0 to 3.6V) and 2.5V (2.3 to 2.7V) power supplies
■ − 40 to 85°C operating temperature range
■ 48-pin QFP package

APPLICATIONS
■ Multi-channel SA-CD players
■ SA-CD-compatible AV amplifiers




Similar Part No. - SM5819AF

ManufacturerPart #DatasheetDescription
logo
Bytes
SM5819A BYTES-SM5819A Datasheet
152Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
SM5819A UNIOHM-SM5819A Datasheet
65Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Goodwork Semiconductor ...
SM5819A GWSEMI-SM5819A Datasheet
64Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - SM5819AF

ManufacturerPart #DatasheetDescription
logo
NEC
UPD9611 NEC-UPD9611 Datasheet
161Kb / 28P
FOUR-CHANNEL PCM CODEC
logo
Burr-Brown (TI)
DSD1700 BURR-BROWN-DSD1700 Datasheet
104Kb / 8P
Direct Stream Digital??DSD??TM Audio DIGITAL-TO-ANALOG CONVERTER
logo
Nippon Precision Circui...
SM5866AS NPC-SM5866AS Datasheet
586Kb / 23P
D/A Converter for DSD and PCM
SM5816AF NPC-SM5816AF Datasheet
72Kb / 4P
6-channel DSD-PCM Converter
SM5819HQF NPC-SM5819HQF Datasheet
199Kb / 18P
6-channel DSD-PCM Converter
SM5816AF NPC-SM5816AF_06 Datasheet
303Kb / 27P
6-channel DSD-PCM Converter
SM5951A NPC-SM5951A Datasheet
183Kb / 24P
8-channel DSD Editing System Signal Processor LSI
logo
JDS Uniphase Corporatio...
PCM-40 JDSU-PCM-40 Datasheet
657Kb / 6P
PCS-40 PCM Channel Selector
logo
Asahi Kasei Microsystem...
AK4137 AKM-AK4137 Datasheet
1Mb / 65P
32bit SRC with PCM/DSD conversion
AK4137EQ AKM-AK4137EQ Datasheet
1Mb / 65P
32bit SRC with PCM/DSD conversion
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com