Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5819AF Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM5819AF
Description  6-channel DSD-PCM Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5819AF Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM5819AF Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SM5819AF
SEIKO NPC CORPORATION —2
PIN DESCRIPTION
No.
Name
I/O
Property1
Input
voltage
Description
1
VDDL
−−
2.5V
Core power supply
2
SEL1FS
I
PD
3.3V
PCM output rate select 1
L: 2fs/4fs, H: fs
3
SEL4FS
I
PD
3.3V
PCM output rate select 2
L: 2fs, H: 4fs
4
SELEXT
I
PD
3.3V
fs/2fs/4fs output and external data output select
L: fs/2fs/4fs data, H: external data (EXI**)
5
DSGAIN
I
PD
3.3V
DSD signal gain setting
L: 100% modulation = 0dB, H: 50% modulation = 0dB
6
XMTPCM
I
PD
3.3V
PCM output mute control input
L: Mute ON, H: Mute OFF
7
VDDH
−−
3.3V
I/O power supply
8
TEST1
I
PD
3.3V
Test input 1 (must be open or tie LOW for normal operation)
9
TEST2
I
PD
3.3V
Test input 2 (must be open or tie LOW for normal operation)
10
TEST3
I
PD
3.3V
Test input 3 (must be open or tie LOW for normal operation)
11
TOUT1
O
−−
Test output 1
12
VSS
−−
−
Ground
13
VDDL
−−
2.5V
Core power supply
14
DIRPCK
I
PD
3.3V
PCM output PBCK/PLRCK I/O select
L: Output (master mode), H: Input (slave mode)
15
FMTPCM
I
PD
3.3V
PCM output format select
L: MSB-first left-justified 32-bit, H: IIS 32-bit
16
VSS
−−
−
Ground
17
MCKOUT
O
12mA
−
System clock output (selected by SELEXT)
18
VDDH
−−
3.3V
I/O power supply
19
PBCK
I/O
S, 6mA
3.3V
PCM output BCK bit clock
20
PLRCK
I/O
S, 6mA
3.3V
PCM output LRCK word clock
21
POSLR
O
2mA
−
PCM data output: surround left/right-channel
22
POCSW
O
2mA
−
PCM data output: center/subwoofer channel
23
POFLR
O
2mA
−
PCM data output: front left/right-channel
24
VSS
−−
−
Ground
25
VDDL
−−
2.5V
Core power supply
26
TOUT2
O
−−
Test output 2
27
MCK
I
−
3.3V
Master clock input: 512fs (22.5792MHz, fs = 44.1kHz)
28
VSS
−−
−
Ground
29
EXIMCK
I
−
3.3V
External system clock input
30
VDDH
−−
3.3V
I/O power supply
31
EXIBCK
I
S
3.3V
External PCM data BCK bit clock input
32
EXILRCK
I
S
3.3V
External PCM data LRCK word clock input
33
EXISLR
I
−
3.3V
External PCM data input: surround left/right-channel
34
EXICSW
I
−
3.3V
External PCM data input: center/subwoofer channel
35
EXIFLR
I
−
3.3V
External PCM data input: front left/right-channel
36
VSS
−−
−
Ground
37
VDDL
−−
2.5V
Core power supply
38
DSBCK
I/O
S, 6mA
3.3V
DSD data input bit clock. Controlled by DIRDSCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com