Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8703CV Datasheet (PDF) - Nippon Precision Circuits Inc

SM8703CV Datasheet PDF - Nippon Precision Circuits Inc
Part # SM8703CV
Download  SM8703CV Download
File Size   98.2 Kbytes
Page   12 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Clock Generator for DVD Players

SM8703CV Datasheet (PDF)

Go To PDF Page Download Datasheet
SM8703CV Datasheet PDF - Nippon Precision Circuits Inc

Part # SM8703CV
Download  SM8703CV Click to download

File Size   98.2 Kbytes
Page   12 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Clock Generator for DVD Players

SM8703CV Datasheet (HTML) - Nippon Precision Circuits Inc


SM8703CV Product details

OVERVIEW
The SM8703CV is a 27MHz master clock, 5-system output clock generator for DVD players. It has 2 built-in PLLs that, with the addition of a single crystal oscillator element, can generate 384fs, 512fs and 768fs clocks which are necessary for MPEG2 systems, plus independent fixed-frequency 27MHz and 33.8688MHz output clocks. Each output has an output disable function, when the output is not used, to suppress unwanted radiation. Also, the normal output frequency ratio between each output is maintained so that the visual and audio signals remain synchronized. Supported sampling frequencies (fs) include 44.1 and 48kHz.

FEATURES
■ 27MHz master clock (internal PLL reference clock)
■ Generated clocks
    • 27MHz output
    • 33.8688MHz output
    • 384fs output
    • 512fs output
    • 768fs output
■ Sampling frequency fs
    • 44.1/48kHz
■ Output disable function
■ Low jitter output: 100ps (typ, 15pF load)
■ Supply voltage: 3.3V
■ 24-pin VSOP package

APPLICATIONS
■ DVD players
■ Set-top boxes
■ MPEG2 systems




Similar Part No. - SM8703CV

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8703 NPC-SM8703 Datasheet
106Kb / 12P
Clock Generator for MPEG2 System
SM8703AV NPC-SM8703AV Datasheet
106Kb / 12P
Clock Generator for MPEG2 System
More results


Similar Description - SM8703CV

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8701BM NPC-SM8701BM Datasheet
119Kb / 14P
DVD Player Clock Generator
SM8706A NPC-SM8706A Datasheet
100Kb / 8P
Clock Generator for DVD Players
logo
Rohm
BA5815FM ROHM-BA5815FM Datasheet
228Kb / 2P
5-channel driver for CD/DVD players
logo
Cirrus Logic
CS98100 CIRRUS-CS98100 Datasheet
1Mb / 60P
DVD PROCESSOR FOR LOW COST DVD PLAYERS
logo
Panasonic Semiconductor
MN2DS0003 PANASONIC-MN2DS0003 Datasheet
91Kb / 4P
Single-chip LSI for DVD players
logo
List of Unclassifed Man...
BU2362FV ETC1-BU2362FV Datasheet
57Kb / 2P
Clock generator for DVD
logo
Rohm
BA5956FM ROHM-BA5956FM Datasheet
335Kb / 7P
Power Driver For DVD Players
BD8201FM ROHM-BD8201FM Datasheet
512Kb / 6P
Power Driver For CD/DVD Players
logo
Minilogic Device Corpor...
ML58C88 MINILOGIC-ML58C88 Datasheet
453Kb / 10P
CMOS BTL Drivers for DVD players
logo
Rohm
BA5956FM ROHM-BA5956FM_1 Datasheet
147Kb / 6P
Power Driver For DVD Players
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com