Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8703AV Datasheet (PDF) - Nippon Precision Circuits Inc

SM8703AV Datasheet PDF - Nippon Precision Circuits Inc
Part # SM8703AV
Download  SM8703AV Download
File Size   106.0 Kbytes
Page   12 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Clock Generator for MPEG2 System

SM8703AV Datasheet (PDF)

Go To PDF Page Download Datasheet
SM8703AV Datasheet PDF - Nippon Precision Circuits Inc

Part # SM8703AV
Download  SM8703AV Click to download

File Size   106.0 Kbytes
Page   12 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Clock Generator for MPEG2 System

SM8703AV Datasheet (HTML) - Nippon Precision Circuits Inc


SM8703AV Product details

OVERVIEW
The SM8703AV is a 27 MHz master clock, 5-system output clock generator for MPEG2 system. It has 2 builtin PLLs that, with the addition of a single crystal oscillator element, can generate 384fs, 512fs and 768fs clocks which are necessary for MPEG2 system, plus independent fixed-frequency 27 MHz and 33.8688 MHz output clocks. Each output can stop unused output by using disable function, therefore, unnecessary radiation can be suppressed. Also, visual and audio synchronous is not disrupted since each output frequency is kept in the normal ratio. Supported sampling frequencies (fs) include 44.1 or 48 kHz.

FEATURES
■ 27 MHz master clock (internal PLL reference clock)
■ Generated clocks
    • 27 MHz output
    • 33.8688 MHz output
    • 384fs output
    • 512fs output
    • 768fs output
■ Sampling frequency fs
    • 44.1/48 kHz
■ Output disable function
■ Low jitter output: 100 ps (typ, 15pF load)
■ Supply voltage: 3.3 V
■ 24-pin VSOP package

APPLICATIONS
■ DVD players
■ Set top box
■ MPEG2 system




Similar Part No. - SM8703AV

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8703CV NPC-SM8703CV Datasheet
98Kb / 12P
Clock Generator for DVD Players
More results


Similar Description - SM8703AV

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-168 ICST-ICS9248-168 Datasheet
172Kb / 14P
AMD - K7??Clock Generator for Mobile System
Rev B 01/09/01
ICS9248-189 ICST-ICS9248-189 Datasheet
236Kb / 15P
AMD - K7??Clock Generator for Mobile System
logo
List of Unclassifed Man...
UT8586SC ETC1-UT8586SC Datasheet
87Kb / 6P
CLOCK GENERATOR FOR PENTIUM BASED SYSTEM
logo
PulseCore Semiconductor
ASM3P2854B PULSECORE-ASM3P2854B Datasheet
389Kb / 8P
Custom Clock Generator for Fax System
ASM3P2854B PULSECORE-ASM3P2854B_1 Datasheet
389Kb / 8P
Custom Clock Generator for Fax System
ASM3P2855B PULSECORE-ASM3P2855B Datasheet
317Kb / 7P
Custom Clock Generator for Fax System
ASM3P2855B PULSECORE-ASM3P2855B_1 Datasheet
317Kb / 7P
Custom Clock Generator for Fax System
logo
ON Semiconductor
ASM3P2854C ONSEMI-ASM3P2854C Datasheet
159Kb / 8P
Custom Clock Generator for Fax System
MARCH 2010 ??Rev. 1
ASM3P2855D ONSEMI-ASM3P2855D Datasheet
148Kb / 7P
Custom Clock Generator for FAX System
MARCH 2010 ??Rev. 1
logo
Renesas Technology Corp
6P41505 RENESAS-6P41505 Datasheet
561Kb / 27P
System Clock Generator
MAY 1, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com