Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D3V3F4U10LP-TP Datasheet (PDF) - TECH PUBLIC Electronics co LTD

D3V3F4U10LP-TP Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # D3V3F4U10LP-TP
Download  D3V3F4U10LP-TP Download
File Size   1523.82 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 4-Line Uni-directional TVS Diode

D3V3F4U10LP-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
D3V3F4U10LP-TP Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # D3V3F4U10LP-TP
Download  D3V3F4U10LP-TP Click to download

File Size   1523.82 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 4-Line Uni-directional TVS Diode

D3V3F4U10LP-TP Datasheet (HTML) - TECH PUBLIC Electronics co LTD


D3V3F4U10LP-TP Product details

Features |
Ultra low capacitance: 0.3pF typical (Oto 0)
Ultra low leakage: nA level
Low operating voltage: 3.3V
Low clamping voltage
Upto 4 data lines and one power line protects
Complies with following standards:
~ IEC 61000-4-2 (ESD) immunity test
Air discharge: £25k
Contact discharge: +20kV

—~ IEC61000-4-4 (EFT) 40A (6/50ns)
—~ IEC61000-4-5 (Lightning) :4 A(8/20us)
ROHS Compliant




Similar Part No. - D3V3F4U10LP-TP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D3V3F4U10LP-7 DIODES-D3V3F4U10LP-7 Datasheet
404Kb / 5P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 1
More results


Similar Description - D3V3F4U10LP-TP

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPESDLC0524P TECHPUBLIC-TPESDLC0524P Datasheet
1Mb / 5P
4-Line Uni-directional TVS Diode
TPRCLAMP0524P TECHPUBLIC-TPRCLAMP0524P Datasheet
1Mb / 5P
4-Line Uni-directional TVS Diode
TPD4E05U06DQAR TECHPUBLIC-TPD4E05U06DQAR Datasheet
1Mb / 5P
4-Line Uni-directional TVS Diode
RCLAMP0524P TECHPUBLIC-RCLAMP0524P Datasheet
1Mb / 5P
4-Line Uni-directional TVS Diode
TP1045-04F TECHPUBLIC-TP1045-04F Datasheet
1Mb / 4P
4-Line Uni-directional TVS Diode
TPAZ1043-04F TECHPUBLIC-TPAZ1043-04F Datasheet
1Mb / 5P
4-Line Uni-directional TVS Diode
TPD4EUSB30DQAR-TP TECHPUBLIC-TPD4EUSB30DQAR-TP Datasheet
1Mb / 5P
4-Line Uni-directional TVS Diode
TPESD3324P TECHPUBLIC-TPESD3324P Datasheet
869Kb / 5P
4-Line Uni-directional TVS Diode
TPRCLAMP3324P TECHPUBLIC-TPRCLAMP3324P Datasheet
745Kb / 5P
4-Line Uni-directional TVS Diode
RCLAMP3324P TECHPUBLIC-RCLAMP3324P Datasheet
1Mb / 5P
4-Line Uni-directional TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com