Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA950A1MPWTSEP Datasheet (PDF) - Texas Instruments

INA950A1MPWTSEP Datasheet PDF - Texas Instruments
Part # INA950A1MPWTSEP
Download  INA950A1MPWTSEP Download
File Size   1855.48 Kbytes
Page   33 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description INA950-SEP 2.7V to 80V, 1.1MHz, Ultra-Precise, Current-Sense Amplifier

INA950A1MPWTSEP Datasheet (PDF)

Go To PDF Page Download Datasheet
INA950A1MPWTSEP Datasheet PDF - Texas Instruments

Part # INA950A1MPWTSEP
Download  INA950A1MPWTSEP Click to download

File Size   1855.48 Kbytes
Page   33 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description INA950-SEP 2.7V to 80V, 1.1MHz, Ultra-Precise, Current-Sense Amplifier

INA950A1MPWTSEP Datasheet (HTML) - Texas Instruments


INA950A1MPWTSEP Product details

1 Features
• VID V62/25635
• Radiation - Total Ionizing Dose (TID):
– TID performance assurance up to 30krad(Si)
– Radiation Lot Acceptance Testing (RLAT) for
every wafer lot up to 30krad(Si)
• Radiation - Single-Event Effects (SEE):
– Single Event Latch-Up (SEL) immune up to
43MeV-cm2 /mg at 125°C
– Single Event Transient (SET) characterized up
to LET = 47.5MeV-cm2 /mg
• Space Enhanced Plastic
– Operating temperature from –55°C to +125°C
– Controlled baseline
– Au bondwire and NiPdAu lead finish
– Outgassing test performed per ASTM E595
– One fabrication, assembly, and test site
– Extended product life cycle
– Product traceability
• Wide common-mode voltage:
– Operational voltage: 2.7V to 80V
– Survival voltage: −20V to 85V
• Excellent CMRR:
– 160dB DC
– 85dB AC at 50kHz
• Gain of 20V/V
– Gain error: ±0.1% (maximum)
– Gain drift: ±1.5ppm/°C
• Offset voltage: ±12μV (maximum)
• Offset drift: ±0.05μV/°C
• High bandwidth: 1.1MHz
• Slew rate: 2V/μs
• Quiescent current: 370μA

2 Applications
• Satellite electrical power system (EPS)
• Command and data handling (C&DH)
• Radar imaging payload
• Communications payload

3 Description
The INA950-SEP is an ultra-precise, current-sense amplifier that can measure voltage drops across shunt
resistors over a wide common-mode range from 2.7V to 80V. The ultra-precise current measurement accuracy
is achieved thanks to the combination of an ultra-low offset voltage of ±12μV (maximum), a small gain error
of ±0.1% (maximum), and a high DC CMRR of 160dB (typical). The INA950-SEP is not only designed for DC
current measurement, but also for high-speed applications (such as fast overcurrent protection, for example)
with a high bandwidth of 1.1MHz and an 85dB AC CMRR (at 50kHz).
The INA950-SEP provides the capability to make ultra-precise current measurements by sensing the voltage
drop across a shunt resistor over a wide common- mode range from 2.7V to 80V. The INA950-SEP is available
in the TSSOP-8 package.
The INA950-SEP operates from a single 2.7V to 5.5V supply while only drawing 370μA from the supply (typical).
The low offset of the zero-drift architecture enables current sensing with low ohmic shunts as specified over the
operating temperature range (−55°C to 125°C).




Similar Part No. - INA950A1MPWTSEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA950A1MPWTSEP TI2-INA950A1MPWTSEP Datasheet
1Mb / 30P
INA950-SEP 2.7V to 80V, 1.1MHz, Ultra-Precise, Current-Sense Amplifier
MARCH 2025
More results


Similar Description - INA950A1MPWTSEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA290 TI-INA290_V01 Datasheet
1Mb / 27P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA293-Q1 TI-INA293-Q1_V01 Datasheet
1Mb / 27P
INA293-Q1, AEC-Q100, ??-V to 110-V, 1-MHz, Ultra-Precise Current Sense Amplifier
INA293-Q1 TI-INA293-Q1_V02 Datasheet
1Mb / 29P
INA293-Q1, AEC-Q100, ??-V to 110-V, 1-MHz, Ultra-Precise Current Sense Amplifier
INA290-Q1 TI-INA290-Q1_V01 Datasheet
1Mb / 27P
INA290-Q1 AEC-Q100, 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA290 TI-INA290_V02 Datasheet
1Mb / 32P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA290 TI-INA290_V03 Datasheet
2Mb / 37P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise, Current-Sense Amplifier
INA241A TI-INA241A Datasheet
1Mb / 27P
INA241x ??-V to 110-V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
MARCH 2022
INA241A TI-INA241A_V01 Datasheet
2Mb / 32P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2022
INA241A TI-INA241A_V02 Datasheet
2Mb / 34P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2022
INA241A TI1-INA241A_V03 Datasheet
2Mb / 39P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED JULY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com