Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA950A1MPWTSEP Datasheet (PDF) - Texas Instruments

INA950A1MPWTSEP Datasheet PDF - Texas Instruments
Part # INA950A1MPWTSEP
Download  INA950A1MPWTSEP Download
File Size   1771.08 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA950-SEP 2.7V to 80V, 1.1MHz, Ultra-Precise, Current-Sense Amplifier

INA950A1MPWTSEP Datasheet (PDF)

Go To PDF Page Download Datasheet
INA950A1MPWTSEP Datasheet PDF - Texas Instruments

Part # INA950A1MPWTSEP
Download  INA950A1MPWTSEP Click to download

File Size   1771.08 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA950-SEP 2.7V to 80V, 1.1MHz, Ultra-Precise, Current-Sense Amplifier

INA950A1MPWTSEP Datasheet (HTML) - Texas Instruments


INA950A1MPWTSEP Product details

1 Features
• VID V62/25635
• Radiation - Total Ionizing Dose (TID):
– TID performance assurance up to 30krad(Si)
– Radiation Lot Acceptance Testing (RLAT) for
every wafer lot up to 30krad(Si)
• Radiation - Single-Event Effects (SEE):
– Single Event Latch-Up (SEL) immune up to
43MeV-cm2 /mg at 125°C
– Single Event Transient (SET) characterized up
to LET = 47.5MeV-cm2 /mg
• Space Enhanced Plastic
– Operating temperature from –55°C to +125°C
– Controlled baseline
– Au bondwire and NiPdAu lead finish
– Outgassing test performed per ASTM E595
– One fabrication, assembly, and test site
– Extended product life cycle
– Product traceability
• Wide common-mode voltage:
– Operational voltage: 2.7V to 80V
– Survival voltage: −20V to 85V
• Excellent CMRR:
– 160dB DC
– 85dB AC at 50kHz
• Gain of 20V/V
– Gain error: ±0.1% (maximum)
– Gain drift: ±1.5ppm/°C
• Offset voltage: ±12μV (maximum)
• Offset drift: ±0.05μV/°C
• High bandwidth: 1.1MHz
• Slew rate: 2V/μs
• Quiescent current: 370μA

2 Applications
• Satellite electrical power system (EPS)
• Command and data handling (C&DH)
• Radar imaging payload
• Communications payload

3 Description
The INA950-SEP is an ultra-precise, current-sense amplifier that can measure voltage drops across shunt
resistors over a wide common-mode range from 2.7V to 80V. The ultra-precise current measurement accuracy
is achieved thanks to the combination of an ultra-low offset voltage of ±12μV (maximum), a small gain error
of ±0.1% (maximum), and a high DC CMRR of 160dB (typical). The INA950-SEP is not only designed for DC
current measurement, but also for high-speed applications (such as fast overcurrent protection, for example)
with a high bandwidth of 1.1MHz and an 85dB AC CMRR (at 50kHz).
The INA950-SEP provides the capability to make ultra-precise current measurements by sensing the voltage
drop across a shunt resistor over a wide common- mode range from 2.7V to 80V. The INA950-SEP is available
in the TSSOP-8 package.
The INA950-SEP operates from a single 2.7V to 5.5V supply while only drawing 370μA from the supply (typical).
The low offset of the zero-drift architecture enables current sensing with low ohmic shunts as specified over the
operating temperature range (−55°C to 125°C).




Similar Part No. - INA950A1MPWTSEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA950A1MPWTSEP TI-INA950A1MPWTSEP Datasheet
1Mb / 33P
INA950-SEP 2.7V to 80V, 1.1MHz, Ultra-Precise, Current-Sense Amplifier
MARCH 2025
More results


Similar Description - INA950A1MPWTSEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA290 TI-INA290_V01 Datasheet
1Mb / 27P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA293-Q1 TI-INA293-Q1_V01 Datasheet
1Mb / 27P
INA293-Q1, AEC-Q100, ??-V to 110-V, 1-MHz, Ultra-Precise Current Sense Amplifier
INA293-Q1 TI-INA293-Q1_V02 Datasheet
1Mb / 29P
INA293-Q1, AEC-Q100, ??-V to 110-V, 1-MHz, Ultra-Precise Current Sense Amplifier
INA290-Q1 TI-INA290-Q1_V01 Datasheet
1Mb / 27P
INA290-Q1 AEC-Q100, 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA290 TI-INA290_V02 Datasheet
1Mb / 32P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA290 TI-INA290_V03 Datasheet
2Mb / 37P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise, Current-Sense Amplifier
INA241A TI-INA241A Datasheet
1Mb / 27P
INA241x ??-V to 110-V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
MARCH 2022
INA241A TI-INA241A_V01 Datasheet
2Mb / 32P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2022
INA241A TI-INA241A_V02 Datasheet
2Mb / 34P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2022
INA241A TI1-INA241A_V03 Datasheet
2Mb / 39P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED JULY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com