Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54SC8T9541MPWTSEP Datasheet (PDF) - Texas Instruments

54SC8T9541MPWTSEP Datasheet PDF - Texas Instruments
Part # 54SC8T9541MPWTSEP
Download  54SC8T9541MPWTSEP Download
File Size   1153.65 Kbytes
Page   26 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description SN54SC8T9541-SEP Radiation Tolerant, Octal Buffers/Drivers with 3-State Outputs and Schmitt-Trigger Inputs

54SC8T9541MPWTSEP Datasheet (PDF)

Go To PDF Page Download Datasheet
54SC8T9541MPWTSEP Datasheet PDF - Texas Instruments

Part # 54SC8T9541MPWTSEP
Download  54SC8T9541MPWTSEP Click to download

File Size   1153.65 Kbytes
Page   26 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description SN54SC8T9541-SEP Radiation Tolerant, Octal Buffers/Drivers with 3-State Outputs and Schmitt-Trigger Inputs

54SC8T9541MPWTSEP Datasheet (HTML) - Texas Instruments


54SC8T9541MPWTSEP Product details

1 Features
• Vendor item drawing available, VID
V62/25633-01XE
• Radiation - Total Ionizing Dose (TID):
– TID characterized up to 50krad(Si)
– TID performance assurance up to 30krad(Si)
– Radiation Lot Acceptance Testing (RLAT) for
every wafer lot up to 30krad(Si)
• Radiation - Single-Event Effects (SEE):
– Single Event Latch-Up (SEL) immune up to
50MeV-cm2/mg at 125°C
– Single Event Transient (SET) characterized up
to LET = 50MeV-cm2/mg
• Wide operating range of 1.2V to 5.5V
• Single-supply voltage translator:
– Up translation:
• 1.2V to 1.8V
• 1.5V to 2.5V
• 1.8V to 3.3V
• 3.3V to 5.0V
– Down translation:
• 5.0V, 3.3V, 2.5V to 1.8V
• 5.0V, 3.3V to 2.5V
• 5.0V to 3.3V
• 5.5V tolerant input pins
• Supports standard pinouts
• Up to 150Mbps with 5V or 3.3V VCC
• Latch-up performance exceeds 250mA per JESD
17
• Space enhanced plastic:
– Supports defense and aerospace applications
– Controlled baseline
– Au bondwire and NiPdAu lead finish
– Meets NASA ASTM E595 outgassing
specification
– One fabrication, assembly, and test site
– Extended product life cycle
– Product traceability

2 Applications
• Enable or disable a digital signal
• Controlling an indicator LED
• Translation between communication modules and
system controllers

3 Description
The SN54SC8T9541-SEP contains eight buffers with
3-state outputs and Schmitt-Trigger inputs. The active
low output enable pins (OE1 and OE2) control all
eight channels, and are configured so that both must
be low for the outputs to be active. When the outputs
are enabled, the outputs are actively driven low or
high. When the outputs are disabled, the outputs are
set into the high-impedance state. The output level is
referenced to the supply voltage (VCC) and supports
1.8V, 2.5V, 3.3V, and 5V CMOS levels.
The input is designed with a lower threshold circuit to
support up translation for lower voltage CMOS inputs
(for example, 1.2V input to 1.8V output or 1.8V input
to 3.3V output). In addition, the 5V tolerant input pins
enable down translation (for example, 3.3V to 2.5V
output).




Similar Part No. - 54SC8T9541MPWTSEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54SC8T9541MPWTSEP TI2-54SC8T9541MPWTSEP Datasheet
1Mb / 26P
SN54SC8T9541-SEP Radiation Tolerant, Octal Buffers/Drivers with 3-State Outputs and Schmitt-Trigger Inputs
JANUARY 2025
54SC8T9541MPWTSEP.A TI2-54SC8T9541MPWTSEP.A Datasheet
1Mb / 26P
SN54SC8T9541-SEP Radiation Tolerant, Octal Buffers/Drivers with 3-State Outputs and Schmitt-Trigger Inputs
JANUARY 2025
More results


Similar Description - 54SC8T9541MPWTSEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS244-Q1 TI-SN74HCS244-Q1 Datasheet
534Kb / 18P
SN74HCS244-Q1 Automotive Octal Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
SN74HCS365 TI-SN74HCS365 Datasheet
680Kb / 18P
SN74HCS365 Hex Buffers and Line Drivers with 3-State Outputs and Schmitt-Trigger Inputs
SN74HCS367 TI-SN74HCS367 Datasheet
1Mb / 23P
SN74HCS367 Hex Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
SN74HCS244 TI-SN74HCS244 Datasheet
1Mb / 25P
SN74HCS244 Octal Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
REVISED OCTOBER 2021
SN74HCS541 TI-SN74HCS541 Datasheet
1Mb / 24P
SN74HCS541 Octal Buffers and Line Drivers with Schmitt-Trigger Inputs, 3-State Outputs, and Flow-Through Pinout
SCLS875 ??OCTOBER 2021
SN74HCS244-Q1 TI-SN74HCS244-Q1_V01 Datasheet
2Mb / 28P
SN74HCS244-Q1 Automotive Octal Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
DECEMBER 2021
SN74HCS244-Q1 TI-SN74HCS244-Q1_V02 Datasheet
2Mb / 28P
SN74HCS244-Q1 Automotive Octal Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
FEBRUARY 2022
SN74HCS244 TI-SN74HCS244_V01 Datasheet
1Mb / 25P
SN74HCS244 Octal Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
REVISED OCTOBER 2022
SN74HCS244 TI-SN74HCS244_V02 Datasheet
1Mb / 25P
SN74HCS244 Octal Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
REVISED OCTOBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com