Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54SC8T9541MPWTSEP Datasheet (PDF) - Texas Instruments

54SC8T9541MPWTSEP Datasheet PDF - Texas Instruments
Part # 54SC8T9541MPWTSEP
Download  54SC8T9541MPWTSEP Download
File Size   1192.41 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN54SC8T9541-SEP Radiation Tolerant, Octal Buffers/Drivers with 3-State Outputs and Schmitt-Trigger Inputs

54SC8T9541MPWTSEP Datasheet (PDF)

Go To PDF Page Download Datasheet
54SC8T9541MPWTSEP Datasheet PDF - Texas Instruments

Part # 54SC8T9541MPWTSEP
Download  54SC8T9541MPWTSEP Click to download

File Size   1192.41 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN54SC8T9541-SEP Radiation Tolerant, Octal Buffers/Drivers with 3-State Outputs and Schmitt-Trigger Inputs

54SC8T9541MPWTSEP Datasheet (HTML) - Texas Instruments


54SC8T9541MPWTSEP Product details

1 Features
• Vendor item drawing available, VID V62/25633-01XE
• Radiation - Total Ionizing Dose (TID):
– TID characterized up to 50krad(Si)
– TID performance assurance up to 30krad(Si)
– Radiation Lot Acceptance Testing (RLAT) for every wafer lot up to 30krad(Si)
• Radiation - Single-Event Effects (SEE):
– Single Event Latch-Up (SEL) immune up to 50MeV-cm2/mg at 125°C
– Single Event Transient (SET) characterized up to LET = 50MeV-cm2/mg
• Wide operating range of 1.2V to 5.5V
• Single-supply voltage translator:
– Up translation:
• 1.2V to 1.8V
• 1.5V to 2.5V
• 1.8V to 3.3V
• 3.3V to 5.0V
– Down translation:
• 5.0V, 3.3V, 2.5V to 1.8V
• 5.0V, 3.3V to 2.5V
• 5.0V to 3.3V
• 5.5V tolerant input pins
• Supports standard pinouts
• Up to 150Mbps with 5V or 3.3V VCC
• Latch-up performance exceeds 250mA per JESD 17
• Space enhanced plastic:
– Supports defense and aerospace applications
– Controlled baseline
– Au bondwire and NiPdAu lead finish
– Meets NASA ASTM E595 outgassing specification
– One fabrication, assembly, and test site
– Extended product life cycle
– Product traceability




Similar Part No. - 54SC8T9541MPWTSEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54SC8T9541MPWTSEP TI-54SC8T9541MPWTSEP Datasheet
1Mb / 26P
SN54SC8T9541-SEP Radiation Tolerant, Octal Buffers/Drivers with 3-State Outputs and Schmitt-Trigger Inputs
JANUARY 2025
More results


Similar Description - 54SC8T9541MPWTSEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS244-Q1 TI-SN74HCS244-Q1 Datasheet
534Kb / 18P
SN74HCS244-Q1 Automotive Octal Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
SN74HCS365 TI-SN74HCS365 Datasheet
680Kb / 18P
SN74HCS365 Hex Buffers and Line Drivers with 3-State Outputs and Schmitt-Trigger Inputs
SN74HCS367 TI-SN74HCS367 Datasheet
1Mb / 23P
SN74HCS367 Hex Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
SN74HCS244 TI-SN74HCS244 Datasheet
1Mb / 25P
SN74HCS244 Octal Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
REVISED OCTOBER 2021
SN74HCS541 TI-SN74HCS541 Datasheet
1Mb / 24P
SN74HCS541 Octal Buffers and Line Drivers with Schmitt-Trigger Inputs, 3-State Outputs, and Flow-Through Pinout
SCLS875 ??OCTOBER 2021
SN74HCS244-Q1 TI-SN74HCS244-Q1_V01 Datasheet
2Mb / 28P
SN74HCS244-Q1 Automotive Octal Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
DECEMBER 2021
SN74HCS244-Q1 TI-SN74HCS244-Q1_V02 Datasheet
2Mb / 28P
SN74HCS244-Q1 Automotive Octal Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
FEBRUARY 2022
SN74HCS244 TI-SN74HCS244_V01 Datasheet
1Mb / 25P
SN74HCS244 Octal Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
REVISED OCTOBER 2022
SN74HCS244 TI-SN74HCS244_V02 Datasheet
1Mb / 25P
SN74HCS244 Octal Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
REVISED OCTOBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com