Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AC596WBQBRQ1 Datasheet (PDF) - Texas Instruments

SN74AC596WBQBRQ1 Datasheet PDF - Texas Instruments
Part # SN74AC596WBQBRQ1
Download  SN74AC596WBQBRQ1 Download
File Size   1920.72 Kbytes
Page   35 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description SN74AC596-Q1 Automotive 8-Bit Shift Register With Open-Drain Output Registers

SN74AC596WBQBRQ1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AC596WBQBRQ1 Datasheet PDF - Texas Instruments

Part # SN74AC596WBQBRQ1
Download  SN74AC596WBQBRQ1 Click to download

File Size   1920.72 Kbytes
Page   35 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description SN74AC596-Q1 Automotive 8-Bit Shift Register With Open-Drain Output Registers

SN74AC596WBQBRQ1 Datasheet (HTML) - Texas Instruments


SN74AC596WBQBRQ1 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Device temperature grade 1: -40°C to +125°C
– Device HBM ESD classification level 2
– Device CDM ESD classification level C4B
• Available in wettable flank QFN package
• Wide operating range of 1.5V to 6V
• Inputs accept voltages up to 6V
• Continuous ±24mA output drive at 5V
• Supports up to ±75mA output drive at 5V
in short bursts
• Drives 50Ω transmission lines
• Maximum tpd of 11.4ns at 5V, 50pF load

2 Applications
• Increase the number of outputs on a
microcontroller
• Store up to 8 bits of data temporarily

3 Description
The SN74AC596-Q1 device contains an 8-bit, serialin,
parallel-out shift register that feeds an 8-bit D-type
storage register. The storage register has parallel
open-drain outputs. Separate clocks are provided
for both the shift and storage register. The shift
register has a direct overriding clear (SRCLR) input,
serial (SER) input, and a serial output (QH') for
cascading. When the output-enable (OE) input is high,
the outputs are in a high-impedance state. Internal
register data is not impacted by the operation of the
OE input.




Similar Part No. - SN74AC596WBQBRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AC596 TI-SN74AC596 Datasheet
1Mb / 28P
SN74AC596 Triple Ultra-Configurable Multiple-Function Gates With 3-State Outputs And Schmitt-Trigger Inputs
NOVEMBER 2024
SN74AC596 TI1-SN74AC596 Datasheet
1Mb / 35P
SN74AC596 8-Bit Shift Register With Open-Drain Output Registers
NOVEMBER 2024
SN74AC596-Q1 TI1-SN74AC596-Q1 Datasheet
1Mb / 35P
SN74AC596 8-Bit Shift Register With Open-Drain Output Registers
NOVEMBER 2024
SN74AC596BQBR TI1-SN74AC596BQBR Datasheet
1Mb / 35P
SN74AC596 8-Bit Shift Register With Open-Drain Output Registers
NOVEMBER 2024
SN74AC596PWR TI1-SN74AC596PWR Datasheet
1Mb / 35P
SN74AC596 8-Bit Shift Register With Open-Drain Output Registers
NOVEMBER 2024
More results


Similar Description - SN74AC596WBQBRQ1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC594 FAIRCHILD-MM74HC594 Datasheet
58Kb / 7P
8-Bit Shift Register with Output Registers
logo
Texas Instruments
SN74HCS594-Q1 TI1-SN74HCS594-Q1 Datasheet
1Mb / 27P
SN74HCS594-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Output Registers
SN74HCS596 TI-SN74HCS596 Datasheet
1Mb / 27P
SN74HCS596 8-Bit Shift Register With Schmitt-Trigger Inputs and Open-Drain Output Registers
SN74HCS16507-Q1 TI-SN74HCS16507-Q1 Datasheet
1Mb / 25P
SN74HCS16507-Q1 Automotive 8-Bit Parallel-Load Shift Registers with Open-Drain Outputs
SN74HCS594-Q1 TI-SN74HCS594-Q1_V01 Datasheet
2Mb / 32P
SN74HCS594-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Output Registers
SN74HCT595-Q1 TI-SN74HCT595-Q1 Datasheet
1Mb / 29P
SN74HCT595-Q1 Automotive 8-Bit Shift Registers with 3-State Output Registers
SCLS883 ??OCTOBER 2021
SN74HCS594-Q1 TI-SN74HCS594-Q1_V03 Datasheet
3Mb / 38P
SN74HCS594-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Output Registers
DECEMBER 2021
SN74HCT595-Q1 TI-SN74HCT595-Q1_V01 Datasheet
1Mb / 26P
SN74HCT595-Q1 Automotive 8-Bit Shift Registers with 3-State Output Registers
DECEMBER 2021
SN74LV8T594-Q1 TI-SN74LV8T594-Q1 Datasheet
1Mb / 26P
SN74LV8T594-Q1 Automotive Octal Shift Register with Output Registers
SEPTEMBER 2023
SN74AHC165-Q1 TI1-SN74AHC165-Q1 Datasheet
1Mb / 29P
SN74AHC165-Q1 Automotive 8-Bit Shift Registers With 3-State Output Registers
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com