Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA30 Datasheet (PDF) - DB Lectro Inc

CA30 Datasheet PDF - DB Lectro Inc
Part # CA30
Download  CA30 Download
File Size   242.33 Kbytes
Page   2 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description Wet Tantalum Capacitor

CA30 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA30 Datasheet PDF - DB Lectro Inc

Part # CA30
Download  CA30 Click to download

File Size   242.33 Kbytes
Page   2 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description Wet Tantalum Capacitor

CA30 Datasheet (HTML) - DB Lectro Inc


CA30 Product details

Features
   Small units with high stable performance, lower current leakage &
   dissipation factor, stable frequency and temperature and long life. Suitable
   for military equipment, computer, telephone and other electronic products.

General Characteristics
1、 Operating Temperature
   A -55℃ ~+125℃ ( with voltage derating at greater than85℃ )
   B -55℃ ~+85℃ (Table 2)
2、 Capacitance Tolerance
   ±10%, ±20%, ±30% ~-±10%
3、 DC Leakage Current Table 1
4、 DC Dissipation Factor table 2




Similar Part No. - CA30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CA3000 ETC1-CA3000 Datasheet
46Kb / 2P
High-Reliablility CA3000 Slash-Series Linear ICs
logo
Harris Corporation
CA3002 HARRIS-CA3002 Datasheet
298Kb / 6P
DIFFERENTIAL AMPLIFIERS
logo
Tyco Electronics
CA3010 MACOM-CA3010 Datasheet
398Kb / 2P
Cascadable Amplifier 10 to 2500 MHz
CA3010 MACOM-CA3010 Datasheet
374Kb / 2P
Cascadable Amplifier 10 to 2500 MHz
logo
M/A-COM Technology Solu...
CA3010 MA-COM-CA3010 Datasheet
1Mb / 2P
Cascadable Amplifier 10 kHz to 2500 MHz
More results


Similar Description - CA30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
200D VISHAY-200D Datasheet
576Kb / 9P
Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
25-Jun-04
logo
Cornell Dubilier Electr...
TAT306M00611 CDE-TAT306M00611 Datasheet
284Kb / 12P
Wet Tantalum Capacitor
logo
AVX Corporation
TWAD227K35CBDZ0000 AVX-TWAD227K35CBDZ0000 Datasheet
120Kb / 3P
TWA Wet Electrolytic Tantalum Capacitor
TWASERIES AVX-TWASERIES Datasheet
128Kb / 3P
TWA Wet Electrolytic Tantalum Capacitor
TWAE687K050CBSZ0000 AVX-TWAE687K050CBSZ0000 Datasheet
156Kb / 4P
TWA Wet Electrolytic Tantalum Capacitor
logo
Vishay Siliconix
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
Wet Tantalum Capacitors Tantalum-Case
09-Apr-13
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
Wet Tantalum Capacitors Tantalum-Case
09-Apr-13
logo
AVX Corporation
TWAE407K100CBSZ0000 AVX-TWAE407K100CBSZ0000 Datasheet
126Kb / 5P
COTS-Plus Wet Electrolytic Tantalum Capacitor
TWA-Y AVX-TWA-Y Datasheet
178Kb / 4P
Wet Electrolytic Tantalum Capacitor
logo
Vishay Siliconix
211D VISHAY-211D Datasheet
81Kb / 3P
Type 211D Wet Tantalum Capacitor Array with Tantalum Cased Tantalum Internal Components for -55 °C to 125 °C Operation
23-Nov-17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com