Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA3010 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

CA3010 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # CA3010
Download  CA3010 Download
File Size   1333.91 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 10 kHz to 2500 MHz

CA3010 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA3010 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # CA3010
Download  CA3010 Click to download

File Size   1333.91 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 10 kHz to 2500 MHz

CA3010 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


CA3010 Product details

Description

The A3010 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability. This single stage GaAs FET feedback amplifier design displays impressive performance characteristics over a broadband frequency range. An RF choke is used for DC power supply decoupling.

A voltage sequencing circuit can be used to ensure the negative voltage (-5.2 Vdc) is turned on first and turned off last during normal operation. Reference the application circuit on page 2.

The TO-8 package is hermetically sealed, and MIL-STD-883 environmental screening is available.



Features

• GAIN: 9.5 dB (TYP.)

• DC COUPLING REQUIRED*

• +/- 1 dB GAIN FLATNESS

• HIGH DRIVER OUTPUT LEVEL: +18 dBm

• INPUT/OUTPUT MATCH: < 2.0:1 (TYP.)



 




Similar Part No. - CA3010

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CA3010 MACOM-CA3010 Datasheet
398Kb / 2P
Cascadable Amplifier 10 to 2500 MHz
CA3010 MACOM-CA3010 Datasheet
374Kb / 2P
Cascadable Amplifier 10 to 2500 MHz
logo
Harris Corporation
CA3010A HARRIS-CA3010A Datasheet
317Kb / 7P
Operational Amplifiers
More results


Similar Description - CA3010

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A3010 MACOM-A3010 Datasheet
398Kb / 2P
Cascadable Amplifier 10 to 2500 MHz
A3010 MACOM-A3010_1 Datasheet
374Kb / 2P
Cascadable Amplifier 10 to 2500 MHz
logo
Teledyne Technologies I...
AC2546 TELEDYNE-AC2546 Datasheet
163Kb / 2P
10 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
AC2554 TELEDYNE-AC2554 Datasheet
131Kb / 1P
1000 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
AC2556 TELEDYNE-AC2556 Datasheet
131Kb / 1P
2000 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
AC2564 TELEDYNE-AC2564 Datasheet
159Kb / 2P
100 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
AC2566 TELEDYNE-AC2566 Datasheet
179Kb / 2P
200 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
AC2577 TELEDYNE-AC2577 Datasheet
174Kb / 2P
10 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
AC2578 TELEDYNE-AC2578 Datasheet
172Kb / 2P
10 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
AC2586 TELEDYNE-AC2586 Datasheet
131Kb / 1P
2000 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com